Electronic Components Datasheet Search
  English  ▼

X  

AD7402 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7402
Description  16-Bit, Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7402 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7402 Datasheet HTML 12Page - Analog Devices AD7402 Datasheet HTML 13Page - Analog Devices AD7402 Datasheet HTML 14Page - Analog Devices AD7402 Datasheet HTML 15Page - Analog Devices AD7402 Datasheet HTML 16Page - Analog Devices AD7402 Datasheet HTML 17Page - Analog Devices AD7402 Datasheet HTML 18Page - Analog Devices AD7402 Datasheet HTML 19Page - Analog Devices AD7402 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD7402
Data Sheet
Rev. A | Page 16 of 20
The recommended circuit configuration for driving the
differential inputs to achieve best performance is shown in
Figure 28. An RC low-pass filter is placed on both the analog
input pins. Recommended values for the resistors and capacitors
are 10 Ω and 220 pF, respectively. If possible, equalize the
source impedance on each analog input to minimize offset.
Figure 28. RC Low-Pass Filter Input Network
The input filter configuration for the AD7402 is not limited to
the low-pass structure shown in Figure 28. The differential RC
filter configuration shown in Figure 29 also achieves excellent
performance. Recommended values for the resistors and
capacitor are 22 Ω and 47 pF, respectively.
Figure 29. Differential RC Filter Network
Figure 30 compares the typical performance for the input filter
structures outlined in Figure 28 and Figure 29 for different
resistor and capacitor values.
Figure 30. SNR vs. Decimation Rate for Different Filter Structures for Different
Resistor and Capacitor Values
DIGITAL FILTER
The output of the AD7402 is a continuous digital bit stream. To
reconstruct the original input signal information, this output bit
stream needs to be digitally filtered and decimated. A sinc filter
is recommended due to its simplicity. A sinc3 filter is
recommended because it is one order higher than that of the
AD7402 modulator, which is a second-order modulator. The type
of filter selected, the decimation rate, and the modulator clock used
determines the overall system resolution and throughput rate. The
higher the decimation rate, the greater the system accuracy, as
illustrated in Figure 31. However, there is a trade-off between
accuracy and throughput rate and, therefore, higher decimation
rates result in lower throughput solutions.
Figure 31. SNR vs. Decimation Rate for Different Sincx Filter Orders
A sinc3 filter is recommended for use with the AD7402. This
filter can be implemented on a field programmable gate array
(FPGA) or a digital signal processor (DSP).
Equation 1 describes the transfer function of a sinc filter.
(
)
(
)
N
DR
Z
Z
DR
z
H


−
−
=
−
−
1
1
1
1
)
(
(1)
where DR is the decimation rate and N is the sinc filter order.
The throughput rate of the sinc filter is determined by the
modulator clock and the decimation rate selected.
DR
MCLK
Throughput =
(2)
where MCLK is the modulator clock frequency
As the decimation rate increases, the data output size from the
sinc filter increases. The output data size is expressed in
Equation 3. The 16 most significant bits are used to return a
16-bit result.
Data size = N × log2 DR
(3)
For a sinc3 filter, the −3 dB filter response point can be derived
from the filter transfer function, Equation 1, and is 0.262 times
the throughput rate. The filter characteristics for a third-order
sinc filter are summarized in Table 11.
Table 11. Sinc3 Filter Characteristics for 10 MHz
Decimation
Ratio (DR)
Throughput
Rate (kHz)
Output Data
Size (Bits)
Filter Response
(kHz)
32
312.5
15
81.8
64
156.2
18
40.9
128
78.1
21
20.4
256
39.1
24
10.2
512
19.55
27
5.1
R
VIN–
R
VIN+
C
C
AD7402
R
VIN–
R
VIN+
C
AD7402
DECIMATION RATE
45
50
55
60
65
70
75
80
85
90
95
10
100
fIN = 35Hz
10Ω, 220pF
DIFFERENTIAL 22Ω, 47pF
DIFFERENTIAL 22Ω, 10nF
DECIMATION RATE
0
10
20
30
40
50
60
70
80
90
100
10
100
fIN = 35Hz
SINC1
SINC2
SINC3
SINC4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com