Electronic Components Datasheet Search
  English  ▼

X  

AD7402 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7402
Description  16-Bit, Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7402 Datasheet(HTML) 5 Page - Analog Devices

  AD7402 Datasheet HTML 1Page - Analog Devices AD7402 Datasheet HTML 2Page - Analog Devices AD7402 Datasheet HTML 3Page - Analog Devices AD7402 Datasheet HTML 4Page - Analog Devices AD7402 Datasheet HTML 5Page - Analog Devices AD7402 Datasheet HTML 6Page - Analog Devices AD7402 Datasheet HTML 7Page - Analog Devices AD7402 Datasheet HTML 8Page - Analog Devices AD7402 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD7402
Rev. A | Page 5 of 20
PACKAGE CHARACTERISTICS
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Resistance (Input to Output)1
RI-O
1012
Ω
Capacitance (Input to Output)1
CI-O
2.2
pF
f = 1 MHz
IC Junction to Ambient Thermal Resistance
θJA
105
°C/W
Thermocouple located at center of package underside,
test conducted on 4-layer board with thin traces
1
The device is considered a 2-terminal device: Pin 1 to Pin 4 are shorted together, and Pin 5 to Pin 8 are shorted together.
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 4.
Parameter
Symbol
Value
Unit
Test Conditions/Comments
Input-to-Output Momentary Withstand Voltage
VISO
5000 min
V
1-minute duration
Minimum External Air Gap (Clearance)
L(I01)
8.1 min1, 2
mm
Measured from input terminals to output
terminals, shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
8.1 min1
mm
Measured from input terminals to output
terminals, shortest distance path along body
Minimum Internal Gap (Internal Clearance)
0.034 min
mm
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>400
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
II
Material Group (DIN VDE 0110, 1/89, Table I)
1
In accordance with IEC 60950-1 guidelines for the measurement of creepage and clearance distances for a pollution degree of 2 and altitudes ≤2000 meters.
2
Consideration must be given to pad layout to ensure the minimum required distance for clearance is maintained.
REGULATORY INFORMATION
Table 5.
UL1
CSA
VDE2
Recognized under 1577
Component Recognition
Program1
Approved under CSA Component Acceptance Notice 5A
Certified according to DIN V VDE V 0884-10
(VDE V 0884-10):2006-122
5000 V rms Isolation Voltage
Single Protection
Basic insulation per CSA 60950-1-07 and IEC 60950-1,
810 V rms (1145 VPEAK) maximum working voltage3
Reinforced insulation per DIN V VDE V 0884-10
(VDE V 0884-10):2006-12, 1250 VPEAK
Reinforced insulation per CSA 60950-1-07 and
IEC 60950-1, 405 V rms (583 VPEAK) maximum working
voltage3
Reinforced insulation per IEC 60601-1, 250 V rms
(353 VPEAK) maximum working voltage
File E214100
File 205078
File 2471900-4880-0001
1
In accordance with UL 1577, each AD7402-8 is proof tested by applying an insulation test voltage ≥ 6000 V rms for 1 second (current leakage detection limit = 15 µA).
2
In accordance with DIN V VDE V 0884-10, each AD7402-8 is proof tested by applying an insulation test voltage ≥ 2344 VPEAK for 1 second (partial discharge detection limit = 5 pC).
3
Rating is calculated for a pollution degree of 2 and a Material Group III. The AD7402 RI-8-1 package material is rated by CSA to a CTI of >400 V and therefore
Material Group II.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com