Electronic Components Datasheet Search
  English  ▼

X  

AD7402 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7402
Description  16-Bit, Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7402 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7402 Datasheet HTML 11Page - Analog Devices AD7402 Datasheet HTML 12Page - Analog Devices AD7402 Datasheet HTML 13Page - Analog Devices AD7402 Datasheet HTML 14Page - Analog Devices AD7402 Datasheet HTML 15Page - Analog Devices AD7402 Datasheet HTML 16Page - Analog Devices AD7402 Datasheet HTML 17Page - Analog Devices AD7402 Datasheet HTML 18Page - Analog Devices AD7402 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
AD7402
Rev. A | Page 15 of 20
APPLICATIONS INFORMATION
CURRENT SENSING APPLICATIONS
The AD7402 is ideally suited for current sensing applications
where the voltage across a shunt resistor (RSHUNT) is monitored.
The load current flowing through an external shunt resistor
produces a voltage at the input terminals of the AD7402. The
AD7402 provides isolation between the analog input from the
current sensing resistor and the digital outputs. By selecting the
appropriate shunt resistor value, a variety of current ranges can
be monitored.
Choosing RSHUNT
The shunt resistor (RSHUNT) values used in conjunction with the
AD7402 are determined by the specific application
requirements in terms of voltage, current, and power. Small
resistors minimize power dissipation, whereas low inductance
resistors prevent any induced voltage spikes, and good tolerance
devices reduce current variations. The final values chosen are a
compromise between low power dissipation and accuracy.
Higher value resistors use the full performance input range of
the ADC, thus achieving maximum SNR performance. Low
value resistors dissipate less power but do not use the full
performance input range. The AD7402, however, delivers
excellent performance, even with lower input signal levels,
allowing low value shunt resistors to be used while maintaining
system performance.
To choose a suitable shunt resistor, first determine the current
through the shunt. The shunt current for a 3-phase induction
motor can be expressed as
IRMS =
PF
EF
V
P
W
73
.
1
where:
IRMS is the motor phase current (A rms)
PW is the motor power (Watts)
V is the motor supply voltage (V ac)
EF is the motor efficiency (%)
PF is the power efficiency (%)
To determine the shunt peak sense current, ISENSE, consider the
motor phase current and any overload that may be possible in
the system. When the peak sense current is known, divide the
voltage range of the AD7402 (±250 mV) by the peak sense
current to yield a maximum shunt value.
If the power dissipation in the shunt resistor is too large, the
shunt resistor can be reduced and less of the ADC input range can
be used. Figure 26 shows the SINAD performance characteristics
and the ENOB of resolution for the AD7402 for different input
signal amplitudes. Figure 27 shows the rms noise performance
for dc input signal amplitudes. The AD7402 performance at
lower input signal ranges allows smaller shunt values to be used
while still maintaining a high level of performance and overall
system efficiency.
Figure 26. SINAD vs. VIN+ AC Input Signal Amplitude
Figure 27. RMS Noise vs. VIN+ DC Input Signal Amplitude
RSHUNT must be able to dissipate the I2R power losses. If the
power dissipation rating of the resistor is exceeded, its value
may drift or the resistor may be damaged, resulting in an open
circuit. This open circuit can result in a differential voltage
across the terminals of the AD7402, in excess of the absolute
maximum ratings. If ISENSE has a large high frequency
component, choose a resistor with low inductance.
VOLTAGE SENSING APPLICATIONS
The AD7402 can also be used for isolated voltage monitoring.
For example, in motor control applications, it can be used to
sense the bus voltage. In applications where the voltage being
monitored exceeds the specified analog input range of the
AD7402, a voltage divider network can be used to reduce the
voltage being monitored to the required range.
INPUT FILTER
In a typical use case for directly measuring the voltage across a
shunt resistor, the AD7402 can be connected directly across the
shunt resistor with a simple RC low-pass filter on each input.
VIN+ AC INPUT SIGNAL AMPLITUDE (mV)
60
65
70
75
80
85
90
0
50
100
150
200
250
14-BIT
ENOB
13-BIT
ENOB
11-BIT
ENOB
fIN = 35Hz
VDD1 = 5V
VDD2 = 5V
TA = 25°C
12-BIT
ENOB
RMS NOISE (LSB)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
–250
–170
–90
–10
70
150
230
DC INPUT
100k SAMPLES PER DATA POINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com