Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA2000 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 19Page - Texas Instruments DLPA2000 Datasheet HTML 20Page - Texas Instruments DLPA2000 Datasheet HTML 21Page - Texas Instruments DLPA2000 Datasheet HTML 22Page - Texas Instruments DLPA2000 Datasheet HTML 23Page - Texas Instruments DLPA2000 Datasheet HTML 24Page - Texas Instruments DLPA2000 Datasheet HTML 25Page - Texas Instruments DLPA2000 Datasheet HTML 26Page - Texas Instruments DLPA2000 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
From light sensor
From host
From temperature sensor
To host
SW4
SW5
SENS1
VINA/3
VLED/3
SENS2
CMP_OUT
PWM_IN
AFE_SEL[3:0]
AFE_GAIN [1:0]
AFE
MUX
DLPA2000
www.ti.com
DLPS043A – JUNE 2014 – REVISED AUGUST 2015
Figure 10. Block Diagram of the Measurement System
Table 5. Recommended Configuration of the AFE for Different Input Selections
RECOMMENDED GAIN SETTING
RECOMMENDED SETTING OF
AFE_SEL[3:0]
SELECTED INPUT
AFE-GAIN[1:0]
AFE_CAL_DIS BIT
0x00h
SENS2
0x01h (1x)
Setting has no effect on measurement
0x01h
VLED
0x01h (1x)
Setting has no effect on measurement
0x02h
VINA
0x01h (1x)
Setting has no effect on measurement
0x03h
SENS1
0x01h (1x)
Setting has no effect on measurement
Set to 1 if sense voltage is >100 mV.
0x04h
RLIM_K
0x03h (18x)
Otherwise set to 0 (default)
Set to 1 if sense voltage is >200 mV.
0x05h
SW4
0x02h (9.5x)
Otherwise set to 0 (default)
Set to 1 if sense voltage is >200 mV.
0x06h
SW5
0x02h (9.5x)
Otherwise set to 0 (default)
Set to 1 if sense voltage is >200 mV.
0x07h
SW6
0x02h (9.5x)
Otherwise set to 0 (default)
0x08h
No connect
N/A
N/A
0x09h
VREF
0x01h (1x)
Setting has no effect on measurement
7.3.10 Protection Circuits
DLPA2000 has several protection circuits to protect the IC and system from damage due to excessive power
consumption, die temperature, or over-voltages. These circuits are described in the following sections.
7.3.10.1 Thermal Warning (HOT) and Thermal Shutdown (TSD)
DLPA2000 continuously monitors the junction temperature and issues a HOT interrupt if temperature exceeds
the HOT threshold. If the temperature continues to increase above the thermal shutdown threshold, all rails are
disabled and the TSD bit in the INT register is set. After the temperature drops below its threshold, the system
recovers and waits for the DPP to resend the DMD_EN bit.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: DLPA2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com