Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA2000 Datasheet(HTML) 35 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 31Page - Texas Instruments DLPA2000 Datasheet HTML 32Page - Texas Instruments DLPA2000 Datasheet HTML 33Page - Texas Instruments DLPA2000 Datasheet HTML 34Page - Texas Instruments DLPA2000 Datasheet HTML 35Page - Texas Instruments DLPA2000 Datasheet HTML 36Page - Texas Instruments DLPA2000 Datasheet HTML 37Page - Texas Instruments DLPA2000 Datasheet HTML 38Page - Texas Instruments DLPA2000 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
DLPA2000
www.ti.com
DLPS043A – JUNE 2014 – REVISED AUGUST 2015
7.5.13 Interrupt Register
Figure 27. Interrupt Register, Address = 0Ch, HEX = 00
7
6
5
4
3
2
1
0
INT [103:96]
R
R
R
R
R
R
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 24. Interrupt Register Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
103
VLED_OVP
VLED buck_boost overvoltage fault interrupt (normal operation
R
0
resumes)
0 – No fault
1 – Buck_boost output is above OVP threshold
102
IREG_PG_FAULT
V6V power-good fault interrupt (normal operation resumes)
R
0
0 – No fault
1 – V6V is not in regulation
101
PROJ_ON_INT
Proj_On interrupt (part enters OFF mode)
R
0
0 – Pin is pulled high, normal mode
1 – Pin is pulled low, alerts the DPP that the DMD regulator is
about to shut down.
100
DMD_FAULT
DMD regulator fault (part enters STANDBY mode and DMD_EN
bit is cleared)
0 – No fault
R
0
1 – The inductor current is not increasing at the correct rate,
likely to be caused by an open inductor.
Or, one of the regulator outputs has dropped below the power-
INT
good threshold, likely to be caused by a short
99
UVLO
UVLO interrupt (sensed at VINA pin), DMD bit is cleared.
R
0
0 – Battery voltage is above the UVLO threshold
1 – Battery voltage has dropped below the UVLO threshold
98
BAT_LOW_WARN
Low battery warning interrupt (sensed at VINA pin, normal
R
0
operation resumes)
0 – Battery voltage is above the low-battery threshold
1 – Battery voltage has dropped below the low-battery threshold
97
TS_WARN
Thermal warning interrupt (normal operation resumes)
R
0
0 – Die temperature is in normal operating range
1 – Die temperature is above the HOT threshold
Or, part has not cooled down enough to recover from HOT.
96
TS_WARN
Thermal Warning Interrupt (normal operation resumes)
R
0
0 – Die temperature is in normal operating range
1 – Die temperature is above the HOT threshold
Or, part has not cooled down enough to recover from HOT.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: DLPA2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com