Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA2000 Datasheet(HTML) 45 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 41Page - Texas Instruments DLPA2000 Datasheet HTML 42Page - Texas Instruments DLPA2000 Datasheet HTML 43Page - Texas Instruments DLPA2000 Datasheet HTML 44Page - Texas Instruments DLPA2000 Datasheet HTML 45Page - Texas Instruments DLPA2000 Datasheet HTML 46Page - Texas Instruments DLPA2000 Datasheet HTML 47Page - Texas Instruments DLPA2000 Datasheet HTML 48Page - Texas Instruments DLPA2000 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
900
1000
1100
1200
1300
1400
1500
1600
1700
0.25
0.3
0.35
0.4
0.45
0.5
Wavelength (nm)
DLPA2000
www.ti.com
DLPS043A – JUNE 2014 – REVISED AUGUST 2015
Typical Mobile Sensing Application (continued)
8.3.2 Detailed Design Procedure
8.3.2.1 Dlpc150 System Interfaces
The 0.2-inch WVGA chipset supports a 16-bit or 24-bit parallel RGB interface for image data transfers from
another device. There are two primary output interfaces: illumination driver control interface and sync outputs.
8.3.2.1.1
Control Interface
The 0.2-inch WVGA chipset supports I2C commands through the control interface. The control interface allows
another master processor to send commands to the DLPC150 controller to query system status or perform
realtime operations, such as LED driver current settings.
8.3.3 Application Curve
In a reflective spectroscopy application, a broadband light source illuminates a sample and the reflected light
spectrum is dispersed onto the DLP2010NIR. A microprocessor in conjunction with the DLPC150 controls
individual DLP2010NIR micromirrors to reflect specific wavelengths of light to a single point detector. The
microprocessor uses an analog-to-digital converter to sample the signal received by the detector into a digital
value. By sequentially selecting different wavelengths of light and capturing the values at the detector, the
microprocessor can then plot a spectral response to the light. This systems allows the measurement of the
collected light and derive the wavelengths absorbed by the sample. This process leads to the absorption
spectrum shown in Figure 44.
Figure 44. Sample Dlpc150 Based Spectrometer Output
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: DLPA2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com