Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA2000 Datasheet(HTML) 55 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 50Page - Texas Instruments DLPA2000 Datasheet HTML 51Page - Texas Instruments DLPA2000 Datasheet HTML 52Page - Texas Instruments DLPA2000 Datasheet HTML 53Page - Texas Instruments DLPA2000 Datasheet HTML 54Page - Texas Instruments DLPA2000 Datasheet HTML 55Page - Texas Instruments DLPA2000 Datasheet HTML 56Page - Texas Instruments DLPA2000 Datasheet HTML 57Page - Texas Instruments DLPA2000 Datasheet HTML 58Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.625 MAX
0.30
0.12
2.8
TYP
2.4 TYP
0.4 TYP
0.4 TYP
56X
0.3
0.2
B
E
A
D
4219481/A 10/2014
DSBGA - 0.625 mm max height
YFF0056
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BUMP A1
CORNER
SEATING PLANE
BALL TYP
0.05 C
A
B
C
D
1
2
3
0.015
C A
B
E
5
4
F
G
6
SYMM
SYMM
H
7
SCALE 4.200
D: Max =
E: Max =
3.514 mm, Min =
3.31 mm, Min =
3.454 mm
3.25 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com