Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA2000 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 2Page - Texas Instruments DLPA2000 Datasheet HTML 3Page - Texas Instruments DLPA2000 Datasheet HTML 4Page - Texas Instruments DLPA2000 Datasheet HTML 5Page - Texas Instruments DLPA2000 Datasheet HTML 6Page - Texas Instruments DLPA2000 Datasheet HTML 7Page - Texas Instruments DLPA2000 Datasheet HTML 8Page - Texas Instruments DLPA2000 Datasheet HTML 9Page - Texas Instruments DLPA2000 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
DLPA2000
DLPS043A – JUNE 2014 – REVISED AUGUST 2015
www.ti.com
6.5 Thermal Information
DLPA2000
THERMAL METRIC(1)
UNIT
DSBGA (56 PINS)
RθJA
Junction-to-ambient thermal resistance(2)
45
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Estimated when mounted on high K JEDEC board per JESD 51-7 with thickness of 1.6 mm, 4 layers, size of 76.2 mm × 114.3 mm, and
2-oz. copper for top and bottom plane. Actual thermal impedance will depend on PCB used in the application.
6.6 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted) (see
(1) (2))
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLIES
INPUT VOLTAGE
Input voltage range
2.7
3.6
6
VI
VINA, VINR, VINL, VINC
V
Extended input voltage range(1)
2.3
3.6
6
Low-battery warning threshold
VINA falling
3
V
VLOW_BAT
Hysteresis
VINA rising
100
mV
Undervoltage lockout threshold
VINA falling (through 5-bit trim function)
2.3
4.5
V
Vhys(UVLO)
Hysteresis
VINA rising
100
mV
VSTARTUP
Startup voltage
VBIAS, VOFS, VRST; loaded with 2 mA
2.5
V
INPUT CURRENT
IQ
ACTIVE mode
Motor current excluded
15
mA
ISTD
STANDBY mode
900
µA
IIDLE
IDLE mode
10
µA
INTERNAL SUPPLIES
VV6V
Internal supply, analog
6.25
V
CLDO_V6V
Filter capacitor for V6V LDO
100
nF
VV2V5
Internal supply, logic
2.5
V
CLDO_V2V5
Filter capacitor for V2V5 LDO
2.2
µF
DMD REGULATOR
Switch E (from VINR to SWN)
1000
RDS(ON)
MOSFET ON-resistance
m
Ω
Switch F (from SWP to PGNDR)
320
Switch G(2) (from SWP to VBIAS[2])
1.3
VINR = 5 V, VSWP = 2 V, IF = 100 mA
VFW
Forward voltage drop
V
Switch H (from SWP to VOFS)
1.3
VINR = 5 V, VSWP = 2 V, IF = 100 mA
tDIS
Rail discharge time
VIN = 2.9 V; COUT = 110 nF
40
µs
tPG
Power-good timeout
Not tested in production
6
ms
ILIMIT
Switch current limit
312
mA
L
Inductor value
10
µH
VOFS REGULATOR
Output voltage
10
V
DC output voltage accuracy
IOUT = 2 mA
–2%
2%
VOFS
DC load regulation
VIN = 3.6 V, IOUT = 0 to 2 mA
–19
V/A
VINA, VINL, VINR, VINC 2.7 to 6.0 V, IOUT =
DC line regulation
35
mV/V
2 mA
VRIPPLE
Output ripple
VIN = 3.6 V, IOUT = 2 mA, COUT = 440 nF
(3)
375
mVpp
IOUT
Output current
0
3
mA
(1)
Fully functional but limited parametric performance
(2)
Including rectifying diode
(3)
To reduce ripple the COUT can be increased. VRIPPLE is inversely proportional to COUT.
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DLPA2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com