Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA2000 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 7Page - Texas Instruments DLPA2000 Datasheet HTML 8Page - Texas Instruments DLPA2000 Datasheet HTML 9Page - Texas Instruments DLPA2000 Datasheet HTML 10Page - Texas Instruments DLPA2000 Datasheet HTML 11Page - Texas Instruments DLPA2000 Datasheet HTML 12Page - Texas Instruments DLPA2000 Datasheet HTML 13Page - Texas Instruments DLPA2000 Datasheet HTML 14Page - Texas Instruments DLPA2000 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
x
x
x
x
DLPA2000
www.ti.com
DLPS043A – JUNE 2014 – REVISED AUGUST 2015
6.7 Motor Driver Timing Requirements
The table lists the timing numbers to drive the motor voltages correctly, while Figure 1 shows the timing sequences.
NUMBER
MIN
MAX
UNIT
1
t1
Delay time, xPHASE high to xOUT1 low
300
ns
2
t2
Delay time, xPHASE high to xOUT2 high
200
ns
3
t3
Delay time, xPHASE low to xOUT1 high
200
ns
4
t4
Delay time, xPHASE low to xOUT1 low
300
ns
5
t5
Delay time, xENBL high to xOUTx high
200
ns
6
t6
Delay time, xENBL high to xOUTx low
300
ns
7
t7
Output enable time
300
ns
8
t8
Output disable time
300
ns
9
t9
Delay time, xINx high to xOUTx high
160
ns
10
t10
Delay time, xINx low to xOUTx low
160
ns
11
tR
Output rise time
30
188
ns
12
tF
Output fall time
30
188
ns
Figure 1. Bridge Control
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DLPA2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com