Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA2000 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 10Page - Texas Instruments DLPA2000 Datasheet HTML 11Page - Texas Instruments DLPA2000 Datasheet HTML 12Page - Texas Instruments DLPA2000 Datasheet HTML 13Page - Texas Instruments DLPA2000 Datasheet HTML 14Page - Texas Instruments DLPA2000 Datasheet HTML 15Page - Texas Instruments DLPA2000 Datasheet HTML 16Page - Texas Instruments DLPA2000 Datasheet HTML 17Page - Texas Instruments DLPA2000 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
DLPA2000
DLPS043A – JUNE 2014 – REVISED AUGUST 2015
www.ti.com
7 Detailed Description
7.1 Overview
The DLPA2000 is a power management and LED driver IC optimized for DLP video and data display systems
and meant for use in either embedded or accessory projector applications. DLPA2000 is part of the chipset
comprising of either DLP2010 (.2 WVGA) DMD and DLPC3430/DLPC3435 controller or the DLP2010NIR (.2
WVGA NIR) DMD and DLPC150 controller. The DLPA2000 contains a complete LED driver including high
efficiency power convertors. The DLPA2000 can supply up to 750 mA per LED. Integrated high-current switches
are included for sequentially selecting R, G, and B LEDs. The DLPA2000 also contains three regulated DC
supplies for the DMD reset circuitry: VBIAS, VRST and VOFS, as well as a regulated DC supply of 1.1 V and a
load switch for the 1.8 V to support the DLPC3430 or DLPC3435 controller. The DLPA2000 also contains a
motor driver which can be used to drive the focus lens motor. The DLPA2000 has a SPI used for setting the
configuration. Using SPI, currents can be set independently for each LED with 10-bit resolution. Other features
included are the generation of the system reset, power sequencing, input signals for sequentially selecting the
active LED, IC self-protections, and an analog MUX for routing analog information to an external ADC.
14
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DLPA2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com