Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA2000 Datasheet(HTML) 3 Page - Texas Instruments

  DLPA2000 Datasheet HTML 1Page - Texas Instruments DLPA2000 Datasheet HTML 2Page - Texas Instruments DLPA2000 Datasheet HTML 3Page - Texas Instruments DLPA2000 Datasheet HTML 4Page - Texas Instruments DLPA2000 Datasheet HTML 5Page - Texas Instruments DLPA2000 Datasheet HTML 6Page - Texas Instruments DLPA2000 Datasheet HTML 7Page - Texas Instruments DLPA2000 Datasheet HTML 8Page - Texas Instruments DLPA2000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
D
C
B
A
4
3
2
1
5
E
F
6
G
7
H
SW5
AOUT1
RLIM
BOUT1
PGND
CM
VCORE
SW4
LED_
SEL1
RLIM_
K
LS_IN
LS_
OUT
VLED
SENS1
SENS2
VLED
PROJ_
ON
DGND
V2V5
L2
VSPI
CMP_
OUT
L2
PWM_
IN
AGND
VINA
PGNDL
SPI_
CLK
SPI_
CSZ
PGNDL
SPI_
DIN
SPI_
DOUT
VOFS
L1
RESET
Z
INTZ
L1
CNTR_
VRST
REF_
VRST
VBIAS
VINL
AGND1
VINR
VINL
SWN
PGNDR
SWP
SW6
V6V
AOUT2
RLIM
BOUT2
VINC
SWC
LED_
SEL0
VINM
RBOT_
K
DLPA2000
www.ti.com
DLPS043A – JUNE 2014 – REVISED AUGUST 2015
5 Pin Configuration and Functions
YFF PACKAGE
56-PIN DSGBA
BOTTOM VIEW
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NUMBER
A1
VINL
I
Power supply input for VLED BUCK-BOOST power stage. Connect to system power.
A2
AGND1
A3
GND
Analog ground. Connect to ground plane.
VINR
A4
I
Power supply input for DMD switch mode power supply (SMPS). Connect to system power.
SWN
A5
I
Connection for the DMD SMPS-inductor (high-side switch).
PGNDR
A6
GND
Power ground for DMD SMPS. Connect to ground plane.
SWP
A7
O
Connection for the DMD SMPS-inductor (low-side switch).
B1
L1
O
Connection for VLED BUCK-BOOST inductor.
B2
RESETZ
B3
O
Reset output to the DLP system (active low). Pin is held low to reset DLP system.
INTZ
B4
O
Interrupt output signal (open drain). Connect to pullup resistor or short to ground.
CNTR_VRST
B5
O
Connection to VRST for fast discharge function
REF_VRST
B6
I
Reference pin for the VRST regulator. Connect to VRST rail through 100-k
Ω resistor.
VBIAS
B7
O
VBIAS output rail. Connect to ceramic capacitor.
C1
PGNDL
GND
Power ground for VLED BUCK-BOOST. Connect to ground plane.
C2
SPI_CLK
C3
I
Clock input for SPI interface
SPI_CSZ
C4
I
SPI chip select (active low)
SPI_DIN
C5
I
SPI data input
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DLPA2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com