Electronic Components Datasheet Search
  English  ▼

X  

SSM3515 Datasheet(PDF) 35 Page - Analog Devices

Part # SSM3515
Description  31 W, Filterless, Class-D Digital Input Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515 Datasheet(HTML) 35 Page - Analog Devices

Back Button SSM3515 Datasheet HTML 31Page - Analog Devices SSM3515 Datasheet HTML 32Page - Analog Devices SSM3515 Datasheet HTML 33Page - Analog Devices SSM3515 Datasheet HTML 34Page - Analog Devices SSM3515 Datasheet HTML 35Page - Analog Devices SSM3515 Datasheet HTML 36Page - Analog Devices SSM3515 Datasheet HTML 37Page - Analog Devices SSM3515 Datasheet HTML 38Page - Analog Devices SSM3515 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
Data Sheet
SSM3515
Rev. 0| Page 35 of 41
BATTERY VOLTAGE OUTPUT REGISTER
Address: 0x06, Reset: 0x00, Name: Battery Voltage Output
Table 27. Bit Descriptions for Battery Voltage Output
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
VBAT
8-Bit Unsigned Battery Voltage
0x0
R
LIMITER CONTROL 1 REGISTER
Address: 0x07, Reset: 0xA4, Name: Limiter Control 1
Table 28. Bit Descriptions for Limiter Control 1
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
LIM_RRT
Limiter Release Rate.
0x2
R/W
00
3200 ms/dB.
01
1600 ms/dB.
10
1200 ms/dB.
11
800 ms/dB.
[5:4]
LIM_ATR
Limiter Attack Rate.
0x2
R/W
00
120 µs/dB.
01
60 µs/dB.
10
30 µs/dB.
11
20 µs/dB.
3
RESERVED
Reserved.
0x0
R/W
2
VBAT_TRACK
Threshold Battery Tracking Enable.
0x1
R/W
0
Limiter Attack Threshold Fixed.
1
Limiter Attack Threshold Varies or Gain Reduction with Battery Voltage.
[1:0]
LIM_EN
Limiter or Mute Mode Enable.
0x0
R/W
00
Limiter and Mute Mode Off.
01
Limiter On.
10
Output Mutes if VBAT is Below VBAT_INF.
11
Limiter On But Only Engages if VBAT is Below VBAT_INF.
7
1
6
0
5
1
4
0
3
0
2
1
1
0
0
0
[7:6] LIM_RRT (R/W)
Limiter Release Rate
00: 3200 ms/dB.
01: 1600 ms/dB.
10: 1200 ms/dB.
11: 800 ms/dB.
[1:0] LIM_EN (R/W)
Limiter or Mute Mode Enable
00: Limiter and Mute Mode Off.
01: Limiter On.
10: Output mutes if VBAT is below VBAT_INF.
11: Limiter On but only engages if VBAT
is below VBAT_INF.
[5:4] LIM_ATR (R/W)
Limiter Attack Rate
00: 120 us/dB.
01: 60 us/dB.
10: 30 us/dB.
11: 20 us/dB.
[2] VBAT_TRACK (R/W)
Threshold Battery Tracking Enable
0: Limiter Attack Threshold Fixed.
1: Limiter Attack Threshold Varies or gain
reduction with Battery Voltage.
[3] RESERVED
7
0
6
0
5
0
4
0
3
0
2
0
1
0
0
0
[7:0] VBAT (R)
8-Bit Unsigned Battery Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com