Electronic Components Datasheet Search
  English  ▼

X  

SSM3515 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM3515
Description  31 W, Filterless, Class-D Digital Input Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515 Datasheet(HTML) 4 Page - Analog Devices

  SSM3515 Datasheet HTML 1Page - Analog Devices SSM3515 Datasheet HTML 2Page - Analog Devices SSM3515 Datasheet HTML 3Page - Analog Devices SSM3515 Datasheet HTML 4Page - Analog Devices SSM3515 Datasheet HTML 5Page - Analog Devices SSM3515 Datasheet HTML 6Page - Analog Devices SSM3515 Datasheet HTML 7Page - Analog Devices SSM3515 Datasheet HTML 8Page - Analog Devices SSM3515 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
SSM3515
Data Sheet
Rev. 0| Page 4 of 41
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SHUTDOWN CONTROL1
Turn On Time, Volume
Ramp Disabled
tWU
Time from SPWDN = 0 to output switching,
DAC_HV = 1 or DAC_MUTE = 1, tWU = 4 FSYNC
cycles to 7 FSYNC cycles + 7.68 ms
fS = 12 kHz
8.01
8.27
ms
fS = 24 kHz
7.84
7.98
ms
fS = 48 kHz
7.76
7.83
ms
fS = 96 kHz
7.72
7.76
ms
fS = 192 kHz
7.70
7.72
ms
Turn On Time, Volume
Ramp Enabled
tWUR
Time from SPWDN = 0 to full volume output
switching, DAC_HV = 0 and DAC_MUTE = 0,
VOL = 0x40
fS = 12 kHz
tWUR = tWU + 15.83 ms
23.84
24.10
ms
fS = 24 kHz
tWUR = tWU + 15.83 ms
23.67
23.81
ms
fS = 48 kHz
tWUR = tWU + 15.83 ms
23.59
23.66
ms
fS = 96 kHz
tWUR = tWU + 7.92 ms
15.64
15.68
ms
fS = 192 kHz
tWUR = tWU + 0.99 ms
8.69
8.71
ms
Turn Off Time, Volume
Ramp Disabled
tSD
Time from SPWDN = 1 to full power-down,
DAC_HV = 1 or DAC_MUTE = 1
100
µs
Turn Off Time, Volume
Ramp Enabled
tSDR
Time from SPWDN = 1 to full power-down,
DAC_HV = 0 and DAC_MUTE = 0, VOL = 0x40
fS = 12 kHz
tSDR = tSD + 15.83 ms
15.932
ms
fS = 24 kHz
tSDR = tSD + 15.83 ms
15.932
ms
fS = 48 kHz
tSDR = tSD + 15.83 ms
15.932
ms
fS = 96 kHz
tSDR = tSD + 7.92 ms
8.016
ms
fS = 192 kHz
tSDR = tSD + 0.99 ms
1.09
ms
Output Impedance
ZOUT
100
kΩ
NOISE PERFORMANCE2
Output Voltage Noise
en
f = 20 Hz to 20 kHz, A-weighted, PVDD = 12 V
37.5
µV rms
f = 20 Hz to 20 kHz, A-weighted, PVDD = 17 V
48
µV rms
Signal-to-Noise Ratio
SNR
POUT = 8.2 W, RL = 8 Ω, A-weighted, PVDD = 12 V
107
dB
POUT = 31 W, RL = 4 Ω, A-weighted, PVDD = 17 V
107
dB
PVDD ADC PERFORMANCE
PVDD Sense Full-Scale
Range
PVDD with full-scale ADC out
3.8
16.2
V
PVDD Sense Absolute
Accuracy
PVDD = 15 V
−8
+8
LSB
PVDD = 5 V
−6
+6
LSB
Resolution
Unsigned 8-bit output with 3.8 V offset
8
Bits
DIE TEMPERATURE
Overtemperature
Warning
117
°C
Overtemperature
Protection
145
°C
1
Guaranteed by design.
2
Noise performance is based on the bench data for TA = −40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com