Electronic Components Datasheet Search
  English  ▼

X  

SSM3515 Datasheet(PDF) 16 Page - Analog Devices

Part # SSM3515
Description  31 W, Filterless, Class-D Digital Input Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515 Datasheet(HTML) 16 Page - Analog Devices

Back Button SSM3515 Datasheet HTML 12Page - Analog Devices SSM3515 Datasheet HTML 13Page - Analog Devices SSM3515 Datasheet HTML 14Page - Analog Devices SSM3515 Datasheet HTML 15Page - Analog Devices SSM3515 Datasheet HTML 16Page - Analog Devices SSM3515 Datasheet HTML 17Page - Analog Devices SSM3515 Datasheet HTML 18Page - Analog Devices SSM3515 Datasheet HTML 19Page - Analog Devices SSM3515 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
SSM3515
Data Sheet
Rev. 0| Page 16 of 41
0
2
4
6
8
10
12
14
16
18
510
15
PVDD (V)
POUT 10%
POUT 1%
Figure 43. Output Power vs. PVDD, RL = 8 Ω, Analog Gain = 14
0
5
10
15
20
510
15
PVDD (V)
POUT 10%
POUT 1%
Figure 44. Output Power vs. PVDD, RL = 8 Ω, Analog Gain = 15
100
0
20
40
60
80
0123
POUT (W)
5V NO FB NORMAL
5V NO FB LOW
Figure 45. Efficiency vs. POUT, RL = 8 Ω, No FB and 220 pF Capacitor,
PVDD = 5 V, Analog Gain = 8.4
0
20
40
60
80
100
10
30
50
70
90
POUT (W)
02468
10
12
NORMAL NO FB/220pF
LOW NO FB/220pF
Figure 46. Efficiency vs. POUT, RL = 8 Ω, No FB and 220 pF Capacitor,
PVDD = 12 V, Analog Gain = 12.6
POUT (W)
0
20
40
60
80
100
0
5
10
15
20
17V NO FB NORMAL
17V NO FB LOW
Figure 47. Efficiency vs. POUT, RL = 8 Ω, No FB and 220 pF Capacitor,
PVDD = 17 V, Analog Gain = 14
0
10
20
30
40
50
60
70
80
90
100
0123
POUT (W)
5V NO FB NORMAL
5V NO FB LOW
Figure 48. Efficiency vs. POUT, RL = 8 Ω, FB and 220 pF Capacitor,
PVDD = 5 V, Analog Gain = 8.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com