Electronic Components Datasheet Search
  English  ▼

X  

SSM3515 Datasheet(PDF) 32 Page - Analog Devices

Part # SSM3515
Description  31 W, Filterless, Class-D Digital Input Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515 Datasheet(HTML) 32 Page - Analog Devices

Back Button SSM3515 Datasheet HTML 28Page - Analog Devices SSM3515 Datasheet HTML 29Page - Analog Devices SSM3515 Datasheet HTML 30Page - Analog Devices SSM3515 Datasheet HTML 31Page - Analog Devices SSM3515 Datasheet HTML 32Page - Analog Devices SSM3515 Datasheet HTML 33Page - Analog Devices SSM3515 Datasheet HTML 34Page - Analog Devices SSM3515 Datasheet HTML 35Page - Analog Devices SSM3515 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
SSM3515
Data Sheet
Rev. 0| Page 32 of 41
Bits
Bit Name
Settings
Description
Reset
Access
[2:0]
DAC_FS
DAC Sample Rate Selection.
0x2
R/W
000
8 kHz to 12 kHz Sample Rate.
001
16 kHz to 24 kHz Sample Rate.
010
32 kHz to 48 kHz Sample Rate.
011
64 kHz to 96 kHz Sample Rate.
100
128 kHz to 192 kHz Sample Rate.
101
48 kHz to 72 kHz Sample Rate.
110
Reserved.
111
Reserved.
DAC VOLUME CONTROL REGISTER
Address: 0x03, Reset: 0x40, Name: DAC Volume Control
Table 24. Bit Descriptions for DAC Volume Control
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
VOL
Volume Control.
0x40
R/W
00000000
+24 dB.
00000001
+23.625 dB.
00000010
+23.35 dB.
00000011
+22.875 dB.
00000100
+22.5 dB.
00000101
...
00111111
+0.375 dB.
01000000
0.
01000001
−0.375 dB.
01000010
...
11111101
−70.875 dB.
11111110
−71.25 dB.
11111111
Mute.
7
0
6
1
5
0
4
0
3
0
2
0
1
0
0
0
[7:0] VOL (R/W)
Volume Control
00000000: +24 dB.
00000001: +23.625 dB.
00000010: +23.35 dB.
...
11111101: -70.875 dB.
11111110: -71.25 dB.
11111111: Mute.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com