Electronic Components Datasheet Search
  English  ▼

X  

SSM3515 Datasheet(PDF) 40 Page - Analog Devices

Part # SSM3515
Description  31 W, Filterless, Class-D Digital Input Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515 Datasheet(HTML) 40 Page - Analog Devices

Back Button SSM3515 Datasheet HTML 33Page - Analog Devices SSM3515 Datasheet HTML 34Page - Analog Devices SSM3515 Datasheet HTML 35Page - Analog Devices SSM3515 Datasheet HTML 36Page - Analog Devices SSM3515 Datasheet HTML 37Page - Analog Devices SSM3515 Datasheet HTML 38Page - Analog Devices SSM3515 Datasheet HTML 39Page - Analog Devices SSM3515 Datasheet HTML 40Page - Analog Devices SSM3515 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
SSM3515
Data Sheet
Rev. 0| Page 40 of 41
TYPICAL APPLICATION CIRCUIT
Figure 75 shows a typical application circuit for a single channel output.
BCLK
FSYNC
SDATA
OUT+
OUT–
VREG50/AVDD
+5V (AVDD)
VREG18/DVDD
AGND
REG_EN
PVDD
PGND
SCL
SDA
ADDR
I2C
I2C
TDM
I2S
INPUT
VOLUME
DAC
FULL
BRIDGE
POWER
STAGE
Σ-Δ
CLASS-D
MODULATOR
BST–
BST+
SSM3515
+1.8V (DVDD)
+1.8V
I2S/TDM
SEE THE ADDR PIN SETUP AND CONTROL SECTION
PVDD
R1
2.2kΩ
R2
2.2kΩ
R3
R4
C1
2.2µF
C3
1µF
C5
0.22µF
C6
0.22µF
C8
220pF
C7
220pF
+4.5V TO +17V
PVDD
4Ω/8Ω
FB1
FB2
OPTIONAL
FB1/FB2: MURATA FERRITE BEAD NFZ2MSM181
C6
470µF
C5
10µF
C4
0.1µF
REG
DVDD
REG
AVDD
PVDD
REG_EN
R3 0Ω EXTERNAL DVDD
R4 0Ω INTERNAL DVDD
C2
0.1uF
Figure 75. Typical Application Circuit for Single Channel Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com