Electronic Components Datasheet Search
  English  ▼

X  

SSM3515 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM3515
Description  31 W, Filterless, Class-D Digital Input Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515 Datasheet(HTML) 5 Page - Analog Devices

  SSM3515 Datasheet HTML 1Page - Analog Devices SSM3515 Datasheet HTML 2Page - Analog Devices SSM3515 Datasheet HTML 3Page - Analog Devices SSM3515 Datasheet HTML 4Page - Analog Devices SSM3515 Datasheet HTML 5Page - Analog Devices SSM3515 Datasheet HTML 6Page - Analog Devices SSM3515 Datasheet HTML 7Page - Analog Devices SSM3515 Datasheet HTML 8Page - Analog Devices SSM3515 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
Data Sheet
SSM3515
Rev. 0| Page 5 of 41
Software master power-down indicates that the clocks are turned off. Auto power-down indicates that there is no dither or zero input
signal with clocks on; the device enters soft power-down after 2048 cycles of zero input values. Quiescent indicates triangular dither with
zero input signal. All specifications are typical, with a 48 kHz sample rate, unless otherwise noted.
Table 2. Power Supply Current Consumption1
Edge Rate
Control
Mode
REG_EN Pin
Test Conditions
No Load
4 Ω + 15 µH
8 Ω + 33 µH
Unit
IPVDD
IREG18
IPVDD
IREG18
IPVDD
IREG18
PVDD
5 V
12 V
17 V
1.8 V
5 V
12 V
17 V
1.8 V
5 V
12 V
17 V
1.8 V
Normal
Low
Software master
power-down
0.01
0.03
0.03
7
0.01
0.03
0.03
7
0.01
0.03
0.03
7
μA
Auto power-down
0.01
0.03
0.03
54
0.01
0.03
0.03
54
0.01
0.03
0.03
54
μA
Quiescent
4.10
5.00
5.60
0.48
4.10
5.12
5.90
0.48
4.10
5.10
5.80
0.48
mA
PVDD
Software master
power-down
0.01
0.03
0.03
N/A
0.01
0.03
0.03
N/A
0.01
0.03
0.03
N/A
μA
Auto power-down
310
310
316
N/A
310
310
316
N/A
310
310
316
N/A
μA
Quiescent
4.64
5.60
6.26
N/A
4.74
5.85
6.55
N/A
4.74
5.85
6.55
N/A
mA
Low EMI
Low
Software master
power-down
0.01
0.03
0.03
7
0.01
0.03
0.03
7
0.01
0.03
0.03
7
μA
Auto power-down
0.01
0.03
0.03
54
0.01
0.03
0.03
54
0.01
0.03
0.03
54
μA
Quiescent
4.00
4.95
5.54
0.48
4.70
3.99
5.59
0.48
4.02
4.98
5.63
0.48
mA
PVDD
Software master
power-down
0.01
0.03
0.03
N/A
0.01
0.03
0.03
N/A
0.01
0.03
0.03
N/A
μA
Auto power-down
310
310
316
N/A
310
310
316
N/A
310
310
316
N/A
μA
Quiescent
4.60
5.60
6.17
N/A
4.60
5.65
6.35
N/A
4.60
5.60
6.40
N/A
mA
1
N/A means not applicable.
Table 3. Power-Down Current
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER-DOWN CURRENT
VREG18/DVDD = 1.8 V external, software master power-down, no BCLK/FSYNC
IPVDD
PVDD = 5 V
27
38
95
nA
PVDD = 12 V
30
39
100
nA
PVDD = 17 V
30
39
152
nA
IDVDD
VREG18/DVDD = 1.8 V external
7
27
μA
Table 4. Digital Input/Output
Parameter
Min
Typ
Max
Unit
Test Comments/Comments
INPUT VOLTAGE1
High (VIH)
BCLK, FSYNC, SCL, SDA
1.13
5.5
V
SDATA, ADDR
0.7 × VREG18/DVDD
1.98
V
Low (VIL)
BCLK, FSYNC, SDATA, SCL, SDA
−0.3
+0.54
V
ADDR
−0.3
+1.98
V
INPUT LEAKAGE
High (IIH)
1
µA
Low (IIL)
1
µA
INPUT CAPACITANCE
5
pF
OUTPUT VOLTAGE (SDATA)
High (VOH)
1.17
V
Low (VOL)
0.45
V
OUTPUT DRIVE STRENGTH1
SDA
3
5
mA
SDATA
2
24
mA
BCLK Frequency (BCLK)
2.048
24.576
MHz
Sample Rate (FSYNC)
8
192
kHz
1
The pull-up resistor for SCL and SDA must be scaled according to the external pull-up voltage in the system. The typical value for a pull-up resistor for 1.8 V is 2.2 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com