Electronic Components Datasheet Search
  English  ▼

X  

SSM3515 Datasheet(PDF) 12 Page - Analog Devices

Part # SSM3515
Description  31 W, Filterless, Class-D Digital Input Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515 Datasheet(HTML) 12 Page - Analog Devices

Back Button SSM3515 Datasheet HTML 8Page - Analog Devices SSM3515 Datasheet HTML 9Page - Analog Devices SSM3515 Datasheet HTML 10Page - Analog Devices SSM3515 Datasheet HTML 11Page - Analog Devices SSM3515 Datasheet HTML 12Page - Analog Devices SSM3515 Datasheet HTML 13Page - Analog Devices SSM3515 Datasheet HTML 14Page - Analog Devices SSM3515 Datasheet HTML 15Page - Analog Devices SSM3515 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
SSM3515
Data Sheet
Rev. 0| Page 12 of 41
FREQUENCY (Hz)
20
100
1k
10k
0.001
1
0.01
0.1
100mW
1W
5W
Figure 19. THD + N vs. Frequency, RL = 8 Ω, PVDD = 12 V
FREQUENCY (Hz)
20
100
1k
10k
0.001
1
0.01
0.1
100mW
1W
5W
Figure 20. THD + N vs. Frequency, RL = 8 Ω, PVDD = 17 V
0.001
10
0.01
0.1
1
10µ
100µ
1m
10m
100m
1
10
POWER (W)
8V
4.5V
17V
Figure 21. THD + N vs. Output Power, RL = 4 Ω, Analog Gain = 8.4
0.001
10
0.01
0.1
1
10µ
100µ
1m
10m
100m
1
10
POWER (W)
4.5V
12V
17V
Figure 22. THD + N vs. Output Power, RL = 4 Ω, Analog Gain = 12.6
0.001
10
0.01
0.1
1
10µ
100µ
1m
10m
100m
1
10
POWER (W)
4.5V
14V
17V
Figure 23. THD + N vs. Output Power, RL = 4 Ω, Analog Gain = 14
0.001
10
0.01
0.1
1
10µ
100µ
1m
10m
100m
1
10
POWER (W)
4.5V
15V
17V
Figure 24. THD + N vs. Output Power, RL = 4 Ω, Analog Gain = 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com