Electronic Components Datasheet Search
  English  ▼

X  

SSM3515 Datasheet(PDF) 10 Page - Analog Devices

Part # SSM3515
Description  31 W, Filterless, Class-D Digital Input Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515 Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM3515 Datasheet HTML 6Page - Analog Devices SSM3515 Datasheet HTML 7Page - Analog Devices SSM3515 Datasheet HTML 8Page - Analog Devices SSM3515 Datasheet HTML 9Page - Analog Devices SSM3515 Datasheet HTML 10Page - Analog Devices SSM3515 Datasheet HTML 11Page - Analog Devices SSM3515 Datasheet HTML 12Page - Analog Devices SSM3515 Datasheet HTML 13Page - Analog Devices SSM3515 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
SSM3515
Data Sheet
Rev. 0| Page 10 of 41
TYPICAL PERFORMANCE CHARACTERISTICS
–180
20
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
100
1k
10k
FREQUENCY (Hz)
Figure 7. Fast Fourier Transform (FFT), 60 dBFS Input, Analog Gain = 8.4,
RL = 4 Ω
–180
20
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
100
1k
10k
FREQUENCY (Hz)
Figure 8. FFT, 60 dBFS Input, Analog Gain = 12.6, RL = 4 Ω
–180
20
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
100
1k
10k
FREQUENCY (Hz)
Figure 9. FFT, 60 dBFS Analog Gain = 14, RL = 4 Ω
–180
20
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
100
1k
10k
FREQUENCY (Hz)
Figure 10. FFT, 60 dBFS Input, Analog Gain = 15, RL = 4 Ω
–180
20
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
100
1k
10k
FREQUENCY (Hz)
Figure 11. FFT, No Signal, Analog Gain = 8.4, RL = 4 Ω
–180
20
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
100
1k
10k
FREQUENCY (Hz)
Figure 12. FFT, No Signal, Analog Gain =12.6, RL = 4 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com