Electronic Components Datasheet Search
  English  ▼

X  

SSM3515 Datasheet(PDF) 14 Page - Analog Devices

Part # SSM3515
Description  31 W, Filterless, Class-D Digital Input Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515 Datasheet(HTML) 14 Page - Analog Devices

Back Button SSM3515 Datasheet HTML 10Page - Analog Devices SSM3515 Datasheet HTML 11Page - Analog Devices SSM3515 Datasheet HTML 12Page - Analog Devices SSM3515 Datasheet HTML 13Page - Analog Devices SSM3515 Datasheet HTML 14Page - Analog Devices SSM3515 Datasheet HTML 15Page - Analog Devices SSM3515 Datasheet HTML 16Page - Analog Devices SSM3515 Datasheet HTML 17Page - Analog Devices SSM3515 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
SSM3515
Data Sheet
Rev. 0| Page 14 of 41
35
30
5
6
7
8
9
10
PVDD (V)
11
12
13
14
15
16
17
20
25
15
10
5
0
POUT 10%
POUT 1%
Figure 31. Output Power vs. PVDD, RL = 4 Ω, Analog Gain = 14
40
5
6
7
8
9
10
PVDD (V)
11
12
13
14
15
16
17
20
25
30
35
15
10
5
0
POUT 10%
POUT 1%
Figure 32. Output Power vs. PVDD, RL = 4 Ω, Analog Gain = 15
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
POUT (W)
5V NO FB NORMAL
5V NO FB LOW
Figure 33. Efficiency vs. Output Power (POUT), RL = 4 Ω, No Ferrite Bead (FB)
and 220 pF Capacitor, PVDD = 5 V, Analog Gain = 8.4
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
POUT (W)
5V FB NORMAL
5V FB LOW
Figure 34. Efficiency vs. POUT, RL = 4 Ω, FB and 220 pF Capacitor, PVDD = 5 V,
Analog Gain = 8.4
0
5
10
15
20
25
0
10
20
30
40
50
60
70
80
90
100
0
POUT (W)
12V NO FB NORMAL
12V NO FB LOW
Figure 35. Efficiency vs. POUT, RL = 4 Ω, No FB and 220 pF, PVDD = 12 V,
Analog Gain = 12.6
0
5
10
15
20
25
0
10
20
30
40
50
60
70
80
90
100
0
POUT (W)
12V FB NORMAL
12V FB LOW
Figure 36. Efficiency vs. POUT, RL = 4 Ω, FB and 220 pF Capacitor, PVDD = 12 V,
Analog Gain = 12.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com