Electronic Components Datasheet Search
  English  ▼

X  

SSM3515 Datasheet(PDF) 19 Page - Analog Devices

Part # SSM3515
Description  31 W, Filterless, Class-D Digital Input Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515 Datasheet(HTML) 19 Page - Analog Devices

Back Button SSM3515 Datasheet HTML 15Page - Analog Devices SSM3515 Datasheet HTML 16Page - Analog Devices SSM3515 Datasheet HTML 17Page - Analog Devices SSM3515 Datasheet HTML 18Page - Analog Devices SSM3515 Datasheet HTML 19Page - Analog Devices SSM3515 Datasheet HTML 20Page - Analog Devices SSM3515 Datasheet HTML 21Page - Analog Devices SSM3515 Datasheet HTML 22Page - Analog Devices SSM3515 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
Data Sheet
SSM3515
Rev. 0| Page 19 of 41
THEORY OF OPERATION
OVERVIEW
The SSM3515 Class-D audio amplifier features a filterless
modulation scheme that greatly reduces the external component
count, conserving board space and reducing system cost. The
SSM3515 does not require an output filter; it relies on the
inherent inductance of the speaker coil and the natural filtering
of the speaker and human ear to recover the audio component
of the square wave output.
Most Class-D amplifiers use some variation of pulse-width
modulation (PWM), but the SSM3515 uses Σ-Δ modulation to
determine the switching pattern of the output devices, resulting
in a number of important benefits. Σ-Δ modulators do not produce
a sharp peak with many harmonics in the AM broadcast band, as
pulse-width modulators often do. Σ-Δ modulation reduces the
amplitude of spectral components at high frequencies, reducing
EMI emission that may otherwise be radiated by speakers and
long cable traces. Due to the inherent spread spectrum nature of
Σ-Δ modulation, the need for oscillator synchronization is elimi-
nated for designs incorporating multiple SSM3515 amplifiers.
The SSM3515 also integrates overcurrent and temperature
protection and a thermal warning with optional programmable
gain reduction.
POWER SUPPLIES
The power supply pins on the SSM3515 are PVDD, VREG50/
AVDD, and VREG18/DVDD.
PVDD, the battery supply, is used for the output stage and also
supplies power to the 5 V regulator. In addition, it can be used
to supply power to the 1.8 V regulator. This pin must be
decoupled to ground using a 100 nF capacitor in parallel with a
1 µF MLCC capacitor to ground as close as possible to the
respective pins. In addition, a bulk electrolytic capacitor may be
required depending on the output power to supply the current at
low frequency output. Typically, 220 µF and 25 V is
recommended. This must be sized according to the power
supply regulation in the system.
VREG50/AVDD (5 V) is the analog supply used for the input
stage, modulator, power stage driver, and other blocks. It uses
the VREG50/AVDD pin. It is generated internally by the
integrated 5 V linear regulator. This pin must be decoupled to
ground using the 100 nF and 10 µF capacitor.
VREG18/DVDD (1.8 V) is the supply for the digital circuitry. It
uses the VREG18/DVDD pin. It can be generated internally
using an integrated 1.8 V linear regulator. Alternatively, an
external 1.8 V supply can be used to save the power dissipation.
The VREG18/DVDD pin must be decoupled to ground using
100 nF and 10 µF MLCC capacitors close to the pin.
POWER-UP SEQUENCE
If the REG_EN pin is tied to PVDD, the power-up sequence is
performed internally. As the PVDD voltage ramps up, the
VREG18/DVDD voltage (generated internally) also ramps up.
The typical wait time before the I2C commands can be sent to
the device depends on the PVDD supply ramp-up time.
If the REG_EN pin is tied low, ensure that 1.8 V is supplied
externally and that PVDD is greater than 4.5 V before sending
I2C commands to enable the device.
POWER-DOWN OPERATION
The SSM3515 offers several power down options via I2C.
Register 0x00 provides multiple options for setting the various
power-down modes.
Set the SPWDN bit to 1 to fully power down the device. Only
the I2C, 1.8 V regulator is kept alive.
The SSM3515 monitors both the BCLK and FSYNC pins for clock
presence when in 2-wire mode. When no BCLK or FSYNC signals
are present, the device automatically powers down all internal
circuitry to its lowest power state. When a BCLK or FSYNC
signal returns, the device automatically powers up following
its usual power up sequence.
When enabled, the APWDN_EN bit (auto power down),
activates a low power state as soon as 2048 consecutive zero
input samples are received. Only the I2C and digital audio input
blocks are kept active.
REG_EN PIN SETUP AND CONTROL
The REG_EN (regulator enable) pin enables or disables the
internal 1.8 V regulator.
Table 10. Regulator Enable Pin Function
REG_EN
1.8 V Regulator
Comment
Ground
Disabled
External 1.8 V
PVDD
Enabled
Internal 1.8 V
The status of the REG_EN pin determines if the 1.8 V supply is
generated internally or if it must be provided externally. If the
REG_EN pin is tied to PVDD, the internal 1.8 V regulator is
enabled. If the REG_EN pin is tied to ground, a 1.8 V supply
must be supplied externally to the VREG18/DVDD pin for the
device to operate. For the device to respond to I2C commands,
the 1.8 V supply must be stable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com