Electronic Components Datasheet Search
  English  ▼

X  

TUSB3210PM Datasheet(PDF) 17 Page - Texas Instruments

Part # TUSB3210PM
Description  Universal Serial Bus General-Purpose Device Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3210PM Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB3210PM Datasheet HTML 13Page - Texas Instruments TUSB3210PM Datasheet HTML 14Page - Texas Instruments TUSB3210PM Datasheet HTML 15Page - Texas Instruments TUSB3210PM Datasheet HTML 16Page - Texas Instruments TUSB3210PM Datasheet HTML 17Page - Texas Instruments TUSB3210PM Datasheet HTML 18Page - Texas Instruments TUSB3210PM Datasheet HTML 19Page - Texas Instruments TUSB3210PM Datasheet HTML 20Page - Texas Instruments TUSB3210PM Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
TUSB3210
www.ti.com
SLLS466G – FEBRUARY 2001 – REVISED DECEMBER 2015
Table 5 lists the EDB entries for EDB-1 to EDB-3. EDB-0 registers are described separately.
Table 5. EDB Entries in RAM (n = 1 to 3)
OFFSET
ENTRY NAME
DESCRIPTION
07
EPSIZXY_n
I/O endpoint_n: X/Y buffer size
06
EPBCTY_n
I/O endpoint_n: Y byte count
05
EPBBAY_n
I/O endpoint_n: Y buffer base address
04
SPARE
Not used
03
SPARE
Not used
02
EPBCTX_n
I/O endpoint_n: X byte count
01
EPBBAX_n
I/O endpoint_n: X buffer base address
00
EPCNF_n
I/O endpoint_n: configuration
7.5.4.1 OEPCNF_n: Output Endpoint Configuration (n = 1 to 3)
7
6
5
4
3
2
1
0
UBME
ISO
TOGLE
DBUF
STALL
USBIE
RSV
RSV
R/W
R/W
R/W
R/W
R/W
R/W
R/O
R/O
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
BIT
NAME
RESET
FUNCTION
1–0
RSV
0
Reserved
USB interrupt enable on transaction completion. Set/cleared by MCU.
2
USBIE
x
USBIE = 0
No interrupt
USBIE = 1
Interrupt on transaction completion
USB stall condition indication. Set/cleared by MCU.
STALL = 0
No stall
3
STALL
0
USB stall condition. If set by MCU, a STALL handshake is initiated and the bit is cleared by
STALL = 1
the MCU.
Double buffer enable. Set/cleared by MCU.
4
DBUF
x
DBUF = 0
Primary buffer only (X-buffer only)
DBUF = 1
Toggle bit selects buffer
5
TOGLE
x
USB toggle bit. This bit reflects the toggle sequence bit of DATA0, DATA1.
Non-isochronous transfer. This bit must be cleared by the MCU because only non-
6
ISO
x
ISO = 0
isochronous transfer is supported.
UBM enable/disable bit. Set/cleared by the MCU.
7
UBME
x
UBME = 0
UBM cannot use this endpoint.
UBME = 1
UBM can use this endpoint.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TUSB3210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com