Electronic Components Datasheet Search
  English  ▼

X  

TUSB3210PM Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB3210PM
Description  Universal Serial Bus General-Purpose Device Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3210PM Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB3210PM Datasheet HTML 9Page - Texas Instruments TUSB3210PM Datasheet HTML 10Page - Texas Instruments TUSB3210PM Datasheet HTML 11Page - Texas Instruments TUSB3210PM Datasheet HTML 12Page - Texas Instruments TUSB3210PM Datasheet HTML 13Page - Texas Instruments TUSB3210PM Datasheet HTML 14Page - Texas Instruments TUSB3210PM Datasheet HTML 15Page - Texas Instruments TUSB3210PM Datasheet HTML 16Page - Texas Instruments TUSB3210PM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
TUSB3210
www.ti.com
SLLS466G – FEBRUARY 2001 – REVISED DECEMBER 2015
7.5.2.5 WDCSR: Watchdog Timer, Control, and Status Register
A watchdog timer (WDT) with 1-ms clock is provided. The watchdog timer works only when a USB start-of-frame
has been detected by the TUSB3210. If this register is not accessed for a period of 32 ms, the WDT counter
resets the MCU (see Figure 3, Reset Diagram). When the IDL bit in PCON is set, the WDT is suspended until an
interrupt is detected. At this point, the IDL bit is cleared and the WDT resumes operation. The WDE bit of this
register is cleared only on power up or USB reset (if enabled). When the MCU writes a 1 to the WDE bit of this
register, the WDT starts running (W/O notation indicates write only by the MCU).
7
6
5
4
3
2
1
0
WDE
WDR
RSV
RSV
RSV
RSV
RSV
WDT
R/W
R/W
R/O
R/O
R/O
R/O
R/O
W/O
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
BIT
NAME
RESET
FUNCTION
The MCU must write a 1 to this bit to prevent the WDT from resetting the MCU. If the MCU does not write a 1
0
WDT
0
in a period of 31 ms, the WDT resets the device. Writing a 0 has no effect on the WDT. (WDT is a 5-bit
counter using a 1-ms CLK.) This bit is read as 0.
5–1
RSV
0
Reserved = 0
Watchdog reset indication bit. This bit indicates if the reset occurred due to power-on reset or watchdog timer
reset.
6
WDR
0
WDR = 0
A power-up or USB reset occurred.
A watchdog time-out reset occurred. To clear this bit, the MCU must write a 1. Writing a 0 has no
WDR = 1
effect.
Watchdog timer enable.
7
WDE
0
WDE = 0
Disabled
WDE = 1
Enabled
7.5.2.6 PCON: Power Control Register (at SFR 87h)
7
6
5
4
3
2
1
0
SMOD
RSV
RSV
RSV
GF1
GF0
RSV
IDL
R/W
R/O
R/O
R/O
R/W
R/W
R/O
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
BIT
NAME
RESET
FUNCTION
MCU idle mode bit. This bit can be set by the MCU and is cleared only by the INT1 interrupt.
The MCU is not in idle mode. This bit is cleared by the INT1 interrupt logic when INT1 is
IDL = 0
asserted for at least 400
μs.
0
IDL
0
The MCU is in idle mode and RAM is in low-power mode. The oscillator/APLL is off and
the WDT is suspended. When in suspend mode, only INT1 can be used to exit from idle
IDL = 1
state and generate an interrupt. INT1 must be asserted for at least 400
μs for the
interrupt to be recognized.
1
RSV
0
Reserved
3–2
GF[1:0]
00
General-purpose bits. The MCU can write and read them.
6–4
RSV
0
Reserved
Double baud-rate control bit. For more information, see the UART serial interface in the M8052 core
7
SMOD
0
specification.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TUSB3210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com