Electronic Components Datasheet Search
  English  ▼

X  

TUSB3210PM Datasheet(PDF) 39 Page - Texas Instruments

Part # TUSB3210PM
Description  Universal Serial Bus General-Purpose Device Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3210PM Datasheet(HTML) 39 Page - Texas Instruments

Back Button TUSB3210PM Datasheet HTML 35Page - Texas Instruments TUSB3210PM Datasheet HTML 36Page - Texas Instruments TUSB3210PM Datasheet HTML 37Page - Texas Instruments TUSB3210PM Datasheet HTML 38Page - Texas Instruments TUSB3210PM Datasheet HTML 39Page - Texas Instruments TUSB3210PM Datasheet HTML 40Page - Texas Instruments TUSB3210PM Datasheet HTML 41Page - Texas Instruments TUSB3210PM Datasheet HTML 42Page - Texas Instruments TUSB3210PM Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
CLK
RESET
t
VCC
90%
3.3 V
1.2 V
0 V
>60
µs
100
µs < RESET TIME
1.8 V
RESET TIME < 30 ms
TUSB3210
www.ti.com
SLLS466G – FEBRUARY 2001 – REVISED DECEMBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Reset Timing
There are three requirements for the reset signal timing. First, the minimum reset pulse duration is 100
μs. At
power up, this time is measured from the time the power ramps up to 90% of the nominal VCC until the reset
signal exceeds 1.2 V. The second requirement is that the clock must be valid during the last 60
μs of the reset
window. The third requirement is that, according to the USB specification, the device must be ready to respond
to the host within 100 ms. This means that within the 100-ms window, the device must come out of reset, load
any pertinent data from the I2C EEPROM device, and transfer execution to the application firmware if any is
present. Because the latter two events can require significant time, the amount of that can change from system
to system, TI recommends having the device come out of reset within 30 ms, leaving 70 ms for the other events
to complete. This means the reset signal should rise to 1.8 V within 30 ms.
These requirements are depicted in Figure 7. Notice that when using a 12-MHz crystal or the 48-MHz oscillator,
the clock signal may take several milliseconds to ramp up and become valid after power up. Therefore, the reset
window may need to be elongated up to 10 ms or more to ensure that there is a 60-µs overlap with a valid clock.
Figure 7. Reset Timing
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: TUSB3210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com