Electronic Components Datasheet Search
  English  ▼

X  

TUSB3210PM Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB3210PM
Description  Universal Serial Bus General-Purpose Device Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3210PM Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB3210PM Datasheet HTML 4Page - Texas Instruments TUSB3210PM Datasheet HTML 5Page - Texas Instruments TUSB3210PM Datasheet HTML 6Page - Texas Instruments TUSB3210PM Datasheet HTML 7Page - Texas Instruments TUSB3210PM Datasheet HTML 8Page - Texas Instruments TUSB3210PM Datasheet HTML 9Page - Texas Instruments TUSB3210PM Datasheet HTML 10Page - Texas Instruments TUSB3210PM Datasheet HTML 11Page - Texas Instruments TUSB3210PM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
RSTI
8052
Core
8
6K × 8
ROM
8K × 8
RAM[1]
512 × 8
SRAM
CPU - I/F
Suspend/
Resume
UBM
USB Buffer
Manager
TDM
Control
Logic
USB
SIE
USB
TxR
8
8
8
8
8
USB-0
PLL
and
Dividers
Clock
Oscillator
12 MHz
8
2 × 16-Bit
Timers
I C
2
Controller
8
8
Reset,
Interrupt
and WDT
8
P0.[7:0]
8
P1.[7:0]
8
P2.[7:0]
8
P3.[7:0]
I2C Bus
Port 0
Port 1
Port 2
Port 3
Logic
TUSB3210
SLLS466G – FEBRUARY 2001 – REVISED DECEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TUSB3210 device is a USB-based controller targeted as a general-purpose MCU with GPIO. The
TUSB3210 device has 8K × 8 RAM space for application development. In addition, the programmability of the
TUSB3210 device makes it flexible enough to use for various general USB I/O applications. Unique vendor
identification and product identification (VID/PID) can be selected without the use of an external EEPROM. The
onboard oscillator generates the internal system clocks using a 12-MHz crystal. The TUSB3210 device can be
programmed through an inter-IC (I2C) serial interface at power on from an EEPROM, or the application firmware
can be downloaded from a host PC through USB. The popular 8052-based microprocessor allows several third-
party standard tools to be used for application development. In addition, the vast amounts of application code
available in the general market can also be used (this may or may not require some code modification due to
hardware variations).
7.2 Functional Block Diagram
NOTE: 8K × 8 ROM version is available. Contact TI Marketing.
8
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: TUSB3210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com