Electronic Components Datasheet Search
  English  ▼

X  

TUSB3210PM Datasheet(PDF) 33 Page - Texas Instruments

Part # TUSB3210PM
Description  Universal Serial Bus General-Purpose Device Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3210PM Datasheet(HTML) 33 Page - Texas Instruments

Back Button TUSB3210PM Datasheet HTML 29Page - Texas Instruments TUSB3210PM Datasheet HTML 30Page - Texas Instruments TUSB3210PM Datasheet HTML 31Page - Texas Instruments TUSB3210PM Datasheet HTML 32Page - Texas Instruments TUSB3210PM Datasheet HTML 33Page - Texas Instruments TUSB3210PM Datasheet HTML 34Page - Texas Instruments TUSB3210PM Datasheet HTML 35Page - Texas Instruments TUSB3210PM Datasheet HTML 36Page - Texas Instruments TUSB3210PM Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
TUSB3210
www.ti.com
SLLS466G – FEBRUARY 2001 – REVISED DECEMBER 2015
7.5.10 I2C Registers
The TUSB3210 device only supports a master-slave relationship; therefore, it does not support bus arbitration.
7.5.10.1 I2CSTA: I 2C Status and Control Register
This register is used to control the stop condition for read and write operations. In addition, it provides transmitter
and receiver handshake signals with their respective interrupt enable bits.
7
6
5
4
3
2
1
0
RXF
RIE
ERR
1/4
TXE
TIE
SRD
SWR
R/C
R/W
R/C
R/W
R/C
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
BIT
NAME
RESET
FUNCTION
Stop write condition. This bit defines whether the I2C controller generates a stop condition when data from
the I2CDAO register is transmitted to an external device.
Stop condition is not generated when data from the I2CDAO register is shifted out to an
0
SWR
0
SWR = 0
external device.
Stop condition is generated when data from the I2CDAO register is shifted out to an external
SWR = 1
device.
Stop read condition. This bit defines whether the I2C controller generates a stop condition when data is
received and loaded into I2CDAI register.
1
SRD
0
SRD = 0
Stop condition is not generated when data from SDA line is shifted into the I2CDAI register.
SRD = 1
Stop condition is generated when data from SDA line is shifted into the I2CDAI register.
I2C transmitter empty interrupt enable
2
TIE
0
TIE = 0
Interrupt disabled
TIE = 1
Interrupt enabled
I2C transmitter empty. This bit indicates that data can be written to the transmitter. It can be used for
polling or it can generate an interrupt.
3
TXE
1
TXE = 0
Transmitter is full. This bit is cleared when the MCU writes a byte to the I2CDAO register.
Transmitter is empty. The I2C controller sets this bit when the content of the I2CDAO register is
TXE = 1
copied to the SDA shift register.
Bus speed selection
4
1/4
0
1/4 = 0
100-kHz bus speed
1/4 = 1
400-kHz bus speed
Bus error condition. This bit is set by the hardware when the device does not respond. It is cleared by the
MCU.
5
ERR
0
ERR = 0
No bus error
Bus error condition has been detected. Clears when the MCU writes a 1. Writing a 0 has no
ERR = 1
effect.
I2C receiver ready interrupt enable
6
RIE
0
RIE = 0
Interrupt disabled
RIE = 1
Interrupt enabled
I2C receiver full. This bit indicates that the receiver contains new data. It can be used for polling or it can
generate an interrupt.
7
RXF
0
RXF = 0
Receiver is empty. This bit is cleared when the MCU reads the I2CDAI register.
Receiver contains new data. This bit is set by the I2C controller when the received serial data
RXF = 1
has been loaded into the I2CDAI register.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: TUSB3210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com