Electronic Components Datasheet Search
  English  ▼

X  

TUSB3210PM Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB3210PM
Description  Universal Serial Bus General-Purpose Device Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3210PM Datasheet(HTML) 2 Page - Texas Instruments

  TUSB3210PM Datasheet HTML 1Page - Texas Instruments TUSB3210PM Datasheet HTML 2Page - Texas Instruments TUSB3210PM Datasheet HTML 3Page - Texas Instruments TUSB3210PM Datasheet HTML 4Page - Texas Instruments TUSB3210PM Datasheet HTML 5Page - Texas Instruments TUSB3210PM Datasheet HTML 6Page - Texas Instruments TUSB3210PM Datasheet HTML 7Page - Texas Instruments TUSB3210PM Datasheet HTML 8Page - Texas Instruments TUSB3210PM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
TUSB3210
SLLS466G – FEBRUARY 2001 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
7.5
Register Maps ......................................................... 10
1
Features .................................................................. 1
8
Application and Implementation ........................ 39
2
Applications ........................................................... 1
8.1
Application Information............................................ 39
3
Description ............................................................. 1
8.2
Typical Applications ................................................ 40
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 43
5
Pin Configuration and Functions ......................... 4
10
Layout................................................................... 43
6
Specifications......................................................... 6
10.1
Layout Guidelines ................................................. 43
6.1
Absolute Maximum Ratings ..................................... 6
10.2
Layout Example .................................................... 44
6.2
ESD Ratings.............................................................. 6
11
Device and Documentation Support ................. 45
6.3
Recommended Operating Conditions ....................... 6
11.1
Documentation Support ........................................ 45
6.4
Thermal Information .................................................. 6
11.2
Community Resources.......................................... 45
6.5
Electrical Characteristics........................................... 7
11.3
Trademarks ........................................................... 45
7
Detailed Description .............................................. 8
11.4
Electrostatic Discharge Caution ............................ 45
7.1
Overview ................................................................... 8
11.5
Glossary ................................................................ 45
7.2
Functional Block Diagram ......................................... 8
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................... 9
Information ........................................................... 45
7.4
Device Functional Modes.......................................... 9
4 Revision History
REVISION
DATE
CHANGES
1. Pin Configuration and Functions section, ESD Ratings table,
Thermal Information table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power
F
December 2015
Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and
Orderable Information section
1. Deleted reference to 8K × 8 ROM
E
August 2007
2. Clarified Section 2.2.2, bit 0.
3. Clarified Section 2.6.5 (VID/PID support)
1. Corrected description for pin 20 (TEST2).
2. Added description of programmable delay to the P2[7:0], P3.3
D
June 2004
Interrupt (INT1) section.
3. Added delay values for I[3:0] to the INTCFG register
description.
1. Added USB logo to cover page.
2. Corrected pin 37 (1.8VDD) polarity in Terminal Functions table.
3. Removed note for pin 20 (TEST2) from Terminal Functions
C
Nov-2003
table.
4. Removed application diagram Figure 7.
5. Clarified Section 4-2, Reset Timing
1. Grammatical clean-up
2. Clarification on pin 55 (P3.3) and its functionality as INT1.
B
April 2003
3. Additional corrections in the 8052 Interrupt and Status
Registers section.
2
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: TUSB3210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com