Electronic Components Datasheet Search
  English  ▼

X  

TUSB3210PM Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB3210PM
Description  Universal Serial Bus General-Purpose Device Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3210PM Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB3210PM Datasheet HTML 5Page - Texas Instruments TUSB3210PM Datasheet HTML 6Page - Texas Instruments TUSB3210PM Datasheet HTML 7Page - Texas Instruments TUSB3210PM Datasheet HTML 8Page - Texas Instruments TUSB3210PM Datasheet HTML 9Page - Texas Instruments TUSB3210PM Datasheet HTML 10Page - Texas Instruments TUSB3210PM Datasheet HTML 11Page - Texas Instruments TUSB3210PM Datasheet HTML 12Page - Texas Instruments TUSB3210PM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
TUSB3210
CLOCK
12 MHz
R1
XI
XO
C1
C2
1M
Y1
TUSB3210
www.ti.com
SLLS466G – FEBRUARY 2001 – REVISED DECEMBER 2015
7.3 Feature Description
7.3.1 USB 2.0 Full-Speed Compliant
The TUSB3210 device s fully compliant with USB 2.0 full-speed; it supports 12 Mbits/s of USB data rate (full
speed) as well as supporting USB suspend, resume, and remote wake-up operation.
7.3.2 Code Space Available
The TUSB3210 device has 8K × 8 RAM for firmware development. This firmware can be loaded though USB or
using I2C serial interface from an EEPROM. The MCU executes a read from an external EEPROM and tests to
determine if it contains the code (test for boot signature). If it contains the code, the MCU reads from EEPROM
and writes to the 8K RAM in XDATA space. If not, the MCU proceeds to boot from the USB.
7.3.3 Clock Generation
The TUSB3210 device accepts a 12-MHz crystal input to drive an internal oscillator of 48 MHz. If a clock is
provided to X1 instead of a crystal, X2 is left open. Otherwise, if a crystal is used, the connection must follow the
guidelines shown in Figure 1. Because X1 and X2 are coupled to other leads and supplies on the PCB, it is
important to keep the leads as short as possible and away from any switching leads. TI also recommends
minimizing the capacitance between X1 and X2, which can be accomplished by shielding C1 and C2 with the
clean ground lines.
Figure 1. Clock Generation Diagram
7.3.4 UART Interface
The TUSB3210 device can use P3.0 and P3.1 as UART port; this UART is normally used for debug purposes.
7.4 Device Functional Modes
7.4.1 Interface Configuration
The TUSB3210 device contains onboard ROM microcode, which enables the MCU to enumerate the device as a
USB peripheral. The ROM microcode can also load application code into internal RAM from either external
memory through the I2C bus or from the host through the USB.
7.4.2 GPIO Controller
The TUSB3210 device is a USB-based controller targeted as a general-purpose MCU with GPIO. The
TUSB3210 device has 8K × 8 RAM space for application development to control these GPIOs.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TUSB3210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com