Electronic Components Datasheet Search
  English  ▼

X  

TUSB3210PM Datasheet(PDF) 29 Page - Texas Instruments

Part # TUSB3210PM
Description  Universal Serial Bus General-Purpose Device Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3210PM Datasheet(HTML) 29 Page - Texas Instruments

Back Button TUSB3210PM Datasheet HTML 25Page - Texas Instruments TUSB3210PM Datasheet HTML 26Page - Texas Instruments TUSB3210PM Datasheet HTML 27Page - Texas Instruments TUSB3210PM Datasheet HTML 28Page - Texas Instruments TUSB3210PM Datasheet HTML 29Page - Texas Instruments TUSB3210PM Datasheet HTML 30Page - Texas Instruments TUSB3210PM Datasheet HTML 31Page - Texas Instruments TUSB3210PM Datasheet HTML 32Page - Texas Instruments TUSB3210PM Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
D+
TUSB3210
DM0
DP0
CMOS
CONT-Bit
PUR
1.5 k
Ω
15 k
Ω
15 k
Ω
HUB
D-
TUSB2036A
TUSB3210
www.ti.com
SLLS466G – FEBRUARY 2001 – REVISED DECEMBER 2015
7.5.8 Pullup Resistor Connect and Disconnect
After reading firmware into RAM, the TUSB3210 can re-enumerate using the new firmware (no need to physically
disconnect and reconnect the cable). Figure 4 shows an equivalent circuit implementation for Connect and
Disconnect from a USB upstream port (also see Figure 11b). When the CONT bit in the USBCTL register is 1,
the CMOS driver sources VDD to the pullup resistor (PUR pin) presenting a normal connect condition to the USB
hub (high speed). When the CONT bit is 0, the PUR pin is driven low. In this state, the 1.5-k
Ω resistor is
connected to GND, resulting in device disconnection state. The PUR driver is a CMOS driver that can provide
VDD – 0.1 V minimum at 8 mA of source current.
Figure 4. Pullup Resistor Connect and Disconnect Circuit
7.5.9 8052 Interrupt and Status Registers
All seven 8052-standard interrupt sources are preserved (see Table 8). SIE is the standard interrupt enable
register, which controls the seven interrupt sources. All the additional interrupt sources are connected together
as an OR to generate INT0. The INT0 signal is provided to interrupt the MCU (see interrupt connection diagram,
Figure 5).
Table 8. 8052 Interrupt Location Map
INTERRUPT
START
DESCRIPTION
COMMENTS
SOURCE
ADDRESS
ET2
Timer-2 interrupt
002Bh
ES
UART interrupt
0023h
ET1
Timer-1 interrupt
001Bh
EX1
Internal INT1 or INT1
0013h
Used for P2[7:0] interrupt
ET0
Timer-0 interrupt
000Bh
INT0
Internal INT0
0003h
Used for all internal peripherals
Reset
0000h
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: TUSB3210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com