Electronic Components Datasheet Search
  English  ▼

X  

TUSB3210PM Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB3210PM
Description  Universal Serial Bus General-Purpose Device Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3210PM Datasheet(HTML) 1 Page - Texas Instruments

  TUSB3210PM Datasheet HTML 1Page - Texas Instruments TUSB3210PM Datasheet HTML 2Page - Texas Instruments TUSB3210PM Datasheet HTML 3Page - Texas Instruments TUSB3210PM Datasheet HTML 4Page - Texas Instruments TUSB3210PM Datasheet HTML 5Page - Texas Instruments TUSB3210PM Datasheet HTML 6Page - Texas Instruments TUSB3210PM Datasheet HTML 7Page - Texas Instruments TUSB3210PM Datasheet HTML 8Page - Texas Instruments TUSB3210PM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
USB
TUSB3210
Device
Host
(PC or On-the-Go
Dual-Role Device)
Out
In
GPIO
GPIO
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TUSB3210
SLLS466G – FEBRUARY 2001 – REVISED DECEMBER 2015
TUSB3210 Universal Serial Bus General-Purpose Device Controller
1 Features
2 Applications
1
•
Multiproduct Support With One Code and One
•
Keyboards
Chip (up to 16 Products With One Chip)
•
Barcode Readers
•
Fully Compliant With USB 2.0 Full-Speed
•
Flash Memory Readers
Specifications: TID #40270269
•
General-Purpose Controllers
•
Supports 12-Mbits/s USB Data Rate (Full Speed)
3 Description
•
Supports USB Suspend, Resume, and
Remote Wake-Up Operation
The TUSB3210 device is a USB-based controller
targeted as a general-purpose MCU with GPIO. The
•
Integrated 8052 Microcontroller With:
TUSB3210 device has 8K × 8 RAM space for
–
256 × 8 RAM for Internal Data
application
development.
In
addition,
the
–
8K × 8 RAM Code Space Available for
programmability of the TUSB3210 device makes it
Downloadable Firmware From Host
flexible enough to use for various other general USB
or I2C Port
I/O applications.
–
8K × 8 RAM for Development
Device Information(1)
–
512 × 8 Shared RAM Used for Data Buffers
PART NUMBER
PACKAGE
BODY SIZE (NOM)
and Endpoint Descriptor Blocks (EDB)
TUSB3210
LQFP (64)
10.00 mm × 10.00 mm
–
Buffer Space for USB Packet Transactions
(1) For all available packages, see the orderable addendum at
–
Four 8052 GPIO Ports: Port 0, 1, 2, and 3
the end of the data sheet.
–
Master I2C Controller for External Slave
Device Access
–
Watchdog Timer
•
Operates From a 12-MHz Crystal
•
On-Chip PLL Generates 48 MHz
•
Supports a Total of Three Input and Three Output
(Interrupt, Bulk) Endpoints
•
Power-Down Mode
•
64-Pin LQFP Package
Application Example
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB3210PM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB3210PM TI-TUSB3210PM Datasheet
173Kb / 44P
UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
TUSB3210PM TI-TUSB3210PM Datasheet
401Kb / 45P
Universal Serial Bus General-Purpose Device Controller
TUSB3210PMG4 TI-TUSB3210PMG4 Datasheet
401Kb / 45P
Universal Serial Bus General-Purpose Device Controller
More results

Similar Description - TUSB3210PM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3831 TI-UCC3831 Datasheet
144Kb / 4P
Universal Serial Bus Power Controller
UCC38531 TI-UCC38531 Datasheet
102Kb / 4P
Universal Serial Bus Power Controller
logo
Intel Corporation
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
logo
Texas Instruments
TUSB3210 TI-TUSB3210 Datasheet
173Kb / 44P
UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
TUSB2136 TI-TUSB2136 Datasheet
187Kb / 50P
UNIVERSAL SERIAL BUS KEYBOARD HUB CONTROLLER
logo
NXP Semiconductors
ISP1161A1 PHILIPS-ISP1161A1 Datasheet
599Kb / 136P
Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
logo
NEC
UPD72012 NEC-UPD72012 Datasheet
414Kb / 36P
HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
logo
Texas Instruments
TUSB3210 TI-TUSB3210_1 Datasheet
401Kb / 45P
Universal Serial Bus General-Purpose Device Controller
UCC3831 TI1-UCC3831_08 Datasheet
171Kb / 5P
Universal Serial Bus Power Controller
UCC38531 TI1-UCC38531_08 Datasheet
128Kb / 5P
Universal Serial Bus Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com