Electronic Components Datasheet Search
  English  ▼

X  

L9662 Datasheet(PDF) 54 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 50Page - STMicroelectronics L9662 Datasheet HTML 51Page - STMicroelectronics L9662 Datasheet HTML 52Page - STMicroelectronics L9662 Datasheet HTML 53Page - STMicroelectronics L9662 Datasheet HTML 54Page - STMicroelectronics L9662 Datasheet HTML 55Page - STMicroelectronics L9662 Datasheet HTML 56Page - STMicroelectronics L9662 Datasheet HTML 57Page - STMicroelectronics L9662 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 80 page
background image
Functional description
L9662
54/80
DocID028325 Rev 1
1 = FEN1 input or FEN1 latch timer active
Note:
The FEN status is the result of the state of the FEN input pin OR’d with the FEN latch timer.
The FEN latch timer will remain inactive until a transition of ‘1’ to ‘0’ on the FEN input
(assuming the pin was high for a minimum of 16μs). At that time the FEN latch timer will be
active and keep the internal FEN signal active based on the programmed time (0ms, 128ms,
256ms or 512ms) for that particular FEN function.
With Bit D9 = 2
Bit D7:
0 = Current through channel 7 is below IMEAS
1 = Current through channel 7 is above IMEAS
Bit D6:
0 = Current through channel 6 is below IMEAS
1 = Current through channel 6 is above IMEAS
Bit D5:
0 = Current through channel 5 is below IMEAS
1 = Current through channel 5 is above IMEAS
Bit D4:
0 = Current through channel 4 is below IMEAS
1 = Current through channel 4 is above IMEAS
Bit D3:
0 = Current through channel 3 is below IMEAS
1 = Current through channel 3 is above IMEAS
Bit D2:
0 = Current through channel 2 is below IMEAS
1 = Current through channel 2 is above IMEAS
Bit D1:
0 = Current through channel 1 is below IMEAS
1 = Current through channel 1 is above IMEAS
Bit D0:
0 = Current through channel 0 is below IMEAS
1 = Current through channel 0 is above IMEAS
Note:
current status for channel is captured on the falling edge of chip select
Monitor mode 4
Monitor mode main information:
Revision
Device ID
The SPI message definition for MOSI commands and MISO responses in Monitor Mode 4
are defined below
.
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MOSI Command for Monitor Mode 4
1
1
P
0
1
1
0
0
0
0
0
0
0
0
0
0
MISO Response for Monitor Mode 4
1
1
P
0
1
1
ID3
ID2
ID1
ID0
R5
R4
R3
R2
R1
R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com