Electronic Components Datasheet Search
  English  ▼

X  

L9662 Datasheet(PDF) 68 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 64Page - STMicroelectronics L9662 Datasheet HTML 65Page - STMicroelectronics L9662 Datasheet HTML 66Page - STMicroelectronics L9662 Datasheet HTML 67Page - STMicroelectronics L9662 Datasheet HTML 68Page - STMicroelectronics L9662 Datasheet HTML 69Page - STMicroelectronics L9662 Datasheet HTML 70Page - STMicroelectronics L9662 Datasheet HTML 71Page - STMicroelectronics L9662 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 80 page
background image
Functional description
L9662
68/80
DocID028325 Rev 1
The following describes the bit usage for both MS & PSI5 Satellite Modes:
Bit [D15]
If during the previous received request a SPI communication
error occurred or invalid message was received, the device shall
set bit D15 indicating that the whole data frame of 80 bit is not
valid.
Bits [D13:D10]
These bits are used to configure the output channels for either
CRC or Parity sensor protocols.
When in MS Mode the default configuration is the protocol A.
For PSI5 mode these bits must be set to 1's.
Bits [D09:D08]
Sync Pulse high time
Bit [D7:D5]
These bits control the configuration of the IF3/V3 pin.
D4
IF2/V2 Output Selection
IF2/V2 Output Selection
D3
0
1
MS Mode (Prot a\Prot B) Default
PSI5 Mode
MS Mode (Prot a\Prot B) Default PSI5 Mode
D2
Receiver Disable Time Selection
Receiver Disable Time Selection
D1
X
D0
Odd Parity – Includes all 16 bits
Odd Parity – Includes all 16 bits
Table 36. MOSI MCR bit definition (continued)
Bit
MOSI Command MS – Mode‘D3’=0
MOSI Command PSI5 – Mode‘D3’=1
State
Description
Table 37. Sync pulse high time selections
SPL1
SPL0
Description
0
0
20μs (default)
0
1
30μs
1
0
40μs
1
1
80μs
Table 38. Configuration of the IF3/V3 pin
D7/D6
D5/D4
Description
0
0
IFx/Vx pin is HiZ
0
1
IFx/Vx pin is HiZ
1
0
IFx/Vx pin will source an analog current that is 1/100 of
the sensor current
1
1
IFx/Vx pin will be a digital output indicating if the current is
above or below the selected threshold. When a channel
(ICHx) is off this pin will be high (~VDD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com