Electronic Components Datasheet Search
  English  ▼

X  

L9662 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 30Page - STMicroelectronics L9662 Datasheet HTML 31Page - STMicroelectronics L9662 Datasheet HTML 32Page - STMicroelectronics L9662 Datasheet HTML 33Page - STMicroelectronics L9662 Datasheet HTML 34Page - STMicroelectronics L9662 Datasheet HTML 35Page - STMicroelectronics L9662 Datasheet HTML 36Page - STMicroelectronics L9662 Datasheet HTML 37Page - STMicroelectronics L9662 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
Functional description
L9662
34/80
DocID028325 Rev 1
functions, and results, will be available through the serial interface. This pin must be pulled
high to initiate the FEN latch function (if programmed) and enable firing of the FET drivers.
The FEN function will be considered active when the pin is active (‘1’ or high) for more than
12 microseconds. Tolerance range for the filter to be used will be 12 to 16 μs.
When the FENx input is active, ‘1’, the FEN function will be active. When the FENx input
state transitions from ‘1’ to ‘0’, the programmable latching function will hold the FEN
function active until the timeout of the FEN timer. The programmable latch and hold
function will be capable of delays of 0ms, 128ms, 256ms, and 512ms. There are 4
independent timers with the timer for FEN1 associated with channels 1 & 2, timer for FEN2
associated with channels 3 & 4, timer for FEN3 associated with channels 5 & 6, and the
timer for FEN4 associated with channels 7 & 8. The timer is reset to the programmed
time when the FENx pin transitions from ‘0’ to ‘1’. The programmable counter delay will
be set through a SPI command.
3.4.4
Squib diagnostics
Overview
The ASIC is able to perform the following diagnostics
Short to battery and ground on both SQHx and SQLx pins with or without a squib
Loop to loop diagnostics
Squib resistance measurement
Squib High resistance
High Side Safing FET diagnostics
VRESx voltage status
High and Low side FET diagnostics
Below is a block diagram showing the components involved in the squib diagnostics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com