Electronic Components Datasheet Search
  English  ▼

X  

L9662 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 22Page - STMicroelectronics L9662 Datasheet HTML 23Page - STMicroelectronics L9662 Datasheet HTML 24Page - STMicroelectronics L9662 Datasheet HTML 25Page - STMicroelectronics L9662 Datasheet HTML 26Page - STMicroelectronics L9662 Datasheet HTML 27Page - STMicroelectronics L9662 Datasheet HTML 28Page - STMicroelectronics L9662 Datasheet HTML 29Page - STMicroelectronics L9662 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 80 page
background image
Functional description
L9662
26/80
DocID028325 Rev 1
3
Functional description
3.1
Overview
The device is an integrated circuit to be used in air bag systems. Its main functions include
deployment of air bags and switched-power sources to satellite sensors. The device
supports 8 deployment loops and 4 satellite-sensor interfaces.
3.2
General functions
3.2.1
Power on reset (POR)
The ASIC has a power on reset (POR) circuit, which monitors VDD voltage. When VDD
voltage falls below VRST1 for longer than or equal to tPOR, all outputs are disabled and all
internal registers are reset to their default condition. A second reset level, VRST2, also
monitors VDD but uses no filter time and will disable all outputs and all internal registers are
reset to their default condition when VDD falls below the reset threshold.
Figure 6. POR timing
3.2.2
RESETB
The RESETB pin is active low. The effects of RESETB are similar to those of a POR event,
except during a deployment. When a deployment is in-progress, the ASIC will ignore the
RESETB signal.
However, it shall shut itself down as soon as it detects a POR condition. When the
deployment is completed and RESETB signal is asserted, the device disables its outputs
and reset its internal registers to their default states.
A de-glitch timer is provided for the RESETB pin. The timer protects this pin against
spurious glitches. The ASIC neglects RESETB signal if it is asserted for shorter than
tGLITCH. RESETB has an internal pull-up in case of an open circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com