Electronic Components Datasheet Search
  English  ▼

X  

S7600A Datasheet(PDF) 39 Page - Seiko Instruments Inc

Part # S7600A
Description  Hardware Specification (TCP/IP Network Stack LSI)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S7600A Datasheet(HTML) 39 Page - Seiko Instruments Inc

Back Button S7600A Datasheet HTML 35Page - Seiko Instruments Inc S7600A Datasheet HTML 36Page - Seiko Instruments Inc S7600A Datasheet HTML 37Page - Seiko Instruments Inc S7600A Datasheet HTML 38Page - Seiko Instruments Inc S7600A Datasheet HTML 39Page - Seiko Instruments Inc S7600A Datasheet HTML 40Page - Seiko Instruments Inc S7600A Datasheet HTML 41Page - Seiko Instruments Inc S7600A Datasheet HTML 42Page - Seiko Instruments Inc S7600A Datasheet HTML 43Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
TCP/IP Network Stack LSI
S-7600A
Hardware Specification Revision 1.3
Seiko Instruments Inc.
7-12
Table 7-24
Socket Config Status Low Register Description
Bit
Bit Name
Access
Description
7
TO
R
TCP Timeout
This bit indicates that a TCP timeout condition
occurred while attempting to establish a TCP
connection or while waiting for a TCP packet after the
connection was established.
0 = Normal Operating Condition
1 = Timeout Occurred
6
Buff_Empty
R
This bit indicates whether or not a socket’s outgoing data buffer
is empty. The bit sets on an empty condition. It then clears and
remains clear as long as there is any data in the socket’s
outgoing data buffer.
0 = Buffer Not Empty
1 = Buffer Empty
5
Buff_Full
R
This bit indicates whether the outgoing buffer is full
(1023 bytes or more). It also triggers an interrupt when
the outgoing data buffer is full, and the Buff_Full_En
bit in the Socket Interrupt Mask Low register (0x2A) is
set. The Data Register should not be written to when
this bit is a “1”.
0 = Buffer Space Available
1 = No Buffer Space Available
4
Data_Avail / RST
R/W
Writing this bit resets all socket parameters to default
settings. It is self-clearing and dose not need to be
written to low for proper operations. Before resetting,
ensure that Snd_Bsy bit of Socket Status High
register (0x3A) is 0. When read, this bit indicates that
the socket has data available.
2:0
Protocol_Type
R/W
These bits are used to set the protocol of the socket.
All decodes not shown are reserved.
010 = TCP Client Mode
101 = UDP Mode
110 = TCP Server mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com