Electronic Components Datasheet Search
  English  ▼

X  

S7600A Datasheet(PDF) 20 Page - Seiko Instruments Inc

Part # S7600A
Description  Hardware Specification (TCP/IP Network Stack LSI)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S7600A Datasheet(HTML) 20 Page - Seiko Instruments Inc

Back Button S7600A Datasheet HTML 16Page - Seiko Instruments Inc S7600A Datasheet HTML 17Page - Seiko Instruments Inc S7600A Datasheet HTML 18Page - Seiko Instruments Inc S7600A Datasheet HTML 19Page - Seiko Instruments Inc S7600A Datasheet HTML 20Page - Seiko Instruments Inc S7600A Datasheet HTML 21Page - Seiko Instruments Inc S7600A Datasheet HTML 22Page - Seiko Instruments Inc S7600A Datasheet HTML 23Page - Seiko Instruments Inc S7600A Datasheet HTML 24Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
TCP/IP Network Stack LSI
S-7600A
Hardware Specification Revision 1.3
5-3
Seiko Instruments Inc.
5.2.1.2. Read Cycle Timing
Figure 5-2
68k Family MPU Read Timing
Symbol
Description
Min
Max
Notes
TCYC6
System Cycle Time
100 ns
-
TAH6
Address Hold Time
20ns
-
TAW6
Address Setup Time
20ns
-
TDS6
Data Setup time
20ns
-
TDH6
Data Hold Time
20 ns
-
TACC6
Access time
-
30ns
CL=80pF
TOH6
Output Disable Time
20 ns
-
CL=80pF
TEW
Enable Pulse Width
40 ns
1.9CLK
TBD6
BUSYX Delay Time
-
30ns
CL=80pF
TBC6
BUSYX Pulse Width
2CLK
-
TBOD6
BUSYX Output Disable Time
-
30ns
CL=80pF
NOTES:
• CLK is the clock of S-7600A
• Timing is specified of 50% of the signal waveform.
• Rise/fall time(20%,80%) of the input signal is 15nsec or less.
Table 5-4
68k Family MPU Read Cycle Timing
CS
WRITEX
(R/WX)
CLK
BUSYX
READX
(E)
RS
SD7 to 0
TAH6
TDH6
TDS6
TBD6
TBC6
TOH6
TOH6
TAW6
TAW6
TAH6
TACC6
TACC6
TCYC6
TAW6
TAH6
Address
Data
Address
TEW
TEW
TEW
TBOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com