Electronic Components Datasheet Search
  English  ▼

X  

S7600A Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S7600A
Description  Hardware Specification (TCP/IP Network Stack LSI)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S7600A Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S7600A Datasheet HTML 5Page - Seiko Instruments Inc S7600A Datasheet HTML 6Page - Seiko Instruments Inc S7600A Datasheet HTML 7Page - Seiko Instruments Inc S7600A Datasheet HTML 8Page - Seiko Instruments Inc S7600A Datasheet HTML 9Page - Seiko Instruments Inc S7600A Datasheet HTML 10Page - Seiko Instruments Inc S7600A Datasheet HTML 11Page - Seiko Instruments Inc S7600A Datasheet HTML 12Page - Seiko Instruments Inc S7600A Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
TCP/IP Network Stack LSI
S-7600A
Hardware Specification Revision 1.3
Seiko Instruments Inc.
1-1
1. Introduction
1.1. Product Overview
The S-7600A is a LSI that integrates TCP/IP network stack. It offers your devices a quicker and easier
connectivity to a network with its on-chip serial interface and a static RAM that operates as a buffer.
Implementing this LSI into your system can significantly reduce your software development cost. Also its
low operating frequency gives benefits to the power consumption.
The S-7600A also supports a microprocessor interface via the iReady iAPI
TM register set, and connection
to Physical Transport Layer Interface. iAPI consists of a set of register and operating definitions that allow
any micro controller system to interface with the internal modules.
1.2. Features
Industry standard protocols support :
TCP/IP
(Ver. 4.0)
PPP
(STD-51-compliant)
UDP
General purpose sockets :
Configured for two sockets
MPU interface :
68k/x80(MOTO/Intel) bus interface or Synchronous serial interface
Physical Transport Layer Interface :
Universal Asynchronous Receiver/Transmitter (UART)
Low clock rate :
Multiplied four by the bit-rate
Operating frequency :
256kHz typical
Low power consumption :
Full-transmitting Operating current consumption : 0.9mA typ.
Non-transmitting Operating current consumption : 150µA typ.
Standby current consumption : 1.0µA typ.
Stand-by mode :
held by RESET signal
Wide operating voltage range :
2.4V to 3.6V
Easier application development :
portable iAPI
TM support
1.3. Benefits
Off-loads MIPS allowing system to operate with low end and low cost processors.
Consumes minimal power-up to 1/100 of competing solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com