Electronic Components Datasheet Search
  English  ▼

X  

S7600A Datasheet(PDF) 45 Page - Seiko Instruments Inc

Part # S7600A
Description  Hardware Specification (TCP/IP Network Stack LSI)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S7600A Datasheet(HTML) 45 Page - Seiko Instruments Inc

Back Button S7600A Datasheet HTML 41Page - Seiko Instruments Inc S7600A Datasheet HTML 42Page - Seiko Instruments Inc S7600A Datasheet HTML 43Page - Seiko Instruments Inc S7600A Datasheet HTML 44Page - Seiko Instruments Inc S7600A Datasheet HTML 45Page - Seiko Instruments Inc S7600A Datasheet HTML 46Page - Seiko Instruments Inc S7600A Datasheet HTML 47Page - Seiko Instruments Inc S7600A Datasheet HTML 48Page - Seiko Instruments Inc S7600A Datasheet HTML 49Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
TCP/IP Network Stack LSI
S-7600A
Hardware Specification Revision 1.3
Seiko Instruments Inc.
7-18
Table 7-40
Socket Interrupt High Register Description
Bit
Bit Name
Access
Description
7
URG
R/W
This interrupt is generated when urgent data arrives.
The system interface should read the Urgent Data
Pointer register to see the location of the data. Writing
a “1” to this bit clears the interrupt.
6
RST
R/W
This interrupt is generated when a TCP peer sends
the socket RST flag indicating that the current TCP
session is not valid. Writing a “1” to this bit clears this
interrupt. When this condition occurs, the hardware no
longer operates and re-initializing the socket is
recommended.
5
Term
R/W
This interrupt is generated when the socket
connection is terminated and a TCP FIN flag is
received. Writing a “1” to this bit clears the interrupt.
4
ConU
R/W
This interrupt is generated when a connection is
established. Writing a “1” to this bit clears the
interrupt.
7.3.23. Socket Data Register (0x2E)
(Memory Mapped Read/Write, Default 0x00)
This register is used by a system controller to read incoming data packets and write outgoing data. Data
transmissions start for TCP connections only after a write occurs at 0x30.
7.3.24. TCP Data Send and Buffer Out Length Registers (0x30-0x31)
(Read/Write, Default 0x03FF)
When read, these registers report the amount of space available in the outgoing buffer. Register 0x30
stores the least significant byte; 0x31 stores the most significant byte. Writing any data to 0x30 causes
data transmissions to start on TCP connections.
7.3.25. Buffer In Length Registers (0x32-0x33)
(Read-Only, Default 0x0000)
These read-only registers report the amount of data available in the received data buffer. 0x32 stores the
least significant byte; 0x33 stores the most significant byte.
7.3.26. Urgent Data Pointer Registers (0x34-0x35)
(Read-Only, Default 0x0000)
These read-only registers report the offset to the start of urgent data (as marked through the TCP
header) relative to the incoming data buffer. Register 0x34 stores the least significant byte; 0x35 stores
the most significant byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com