Electronic Components Datasheet Search
  English  ▼

X  

S7600A Datasheet(PDF) 46 Page - Seiko Instruments Inc

Part # S7600A
Description  Hardware Specification (TCP/IP Network Stack LSI)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S7600A Datasheet(HTML) 46 Page - Seiko Instruments Inc

Back Button S7600A Datasheet HTML 42Page - Seiko Instruments Inc S7600A Datasheet HTML 43Page - Seiko Instruments Inc S7600A Datasheet HTML 44Page - Seiko Instruments Inc S7600A Datasheet HTML 45Page - Seiko Instruments Inc S7600A Datasheet HTML 46Page - Seiko Instruments Inc S7600A Datasheet HTML 47Page - Seiko Instruments Inc S7600A Datasheet HTML 48Page - Seiko Instruments Inc S7600A Datasheet HTML 49Page - Seiko Instruments Inc S7600A Datasheet HTML 50Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
TCP/IP Network Stack LSI
S-7600A
Hardware Specification Revision 1.3
7-19
Seiko Instruments Inc.
7.3.27. Their Port Registers (0x36-0x37)
(Read/Write, Default 0x0000)
These registers specify the destination port for an outgoing data packets. For TCP client or UDP mode,
this value must be set prior to activating the socket. For TCP server mode, these registers are
automatically setup on a connection with the peer’s port number. Register 0x36 stores the least
significant byte and 0x37 stores the most significant byte.
Table 7-41
Their Port Register Bit Definitions (0x36)
Bit
7
6
5
4
3
2
1
0
Def.
Least significant byte of the target port number
Default
0x00
Table 7-42
Their Port Register Bit Definitions (0x37)
Bit
7
6
5
4
3
2
1
0
Def.
Most significant byte of the target port number
Default
0x00
7.3.28. Our Port Registers (0x38-0x39)
(Read/Write, Default 0x0000)
These registers are used it indicate the source port for an outgoing data packet. When setting a TCP
client or sending data using UDP, these registers should be set to the proper value. Normally in client
applications, the software increments the value of this register. The TCP and UDP server application
should set these registers to be the value used by the server applications. Register 0x38 stores the least
significant byte; 0x39 stores the most significant byte.
Table 7-43
Our Port Register Bit Definitions (0x38)
Bit
7
6
5
4
3
2
1
0
Def.
Least significant byte of the local port number
Default
0x00
Table 7-44
Our Port Register Bit Definitions (0x39)
Bit
7
6
5
4
3
2
1
0
Def.
Most significant byte of the local port number
Default
0x00
7.3.29. Socket Status High Register (0x3A)
(Read-Only, Default 0x00)
This register reports the busy status of the socket.
Table 7-45
Socket Status High Register Bit Definitions
Bit
7
6
5
4
3
2
1
0
Def.
-
-
-
-
-
-
-
Snd_Bsy
Default
0
0
0
0
0
0
0
0
NOTE: Reserved bits are signified by a dash (-). All reserved bits should be written as “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com