Electronic Components Datasheet Search
  English  ▼

X  

S7600A Datasheet(PDF) 49 Page - Seiko Instruments Inc

Part # S7600A
Description  Hardware Specification (TCP/IP Network Stack LSI)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S7600A Datasheet(HTML) 49 Page - Seiko Instruments Inc

Back Button S7600A Datasheet HTML 45Page - Seiko Instruments Inc S7600A Datasheet HTML 46Page - Seiko Instruments Inc S7600A Datasheet HTML 47Page - Seiko Instruments Inc S7600A Datasheet HTML 48Page - Seiko Instruments Inc S7600A Datasheet HTML 49Page - Seiko Instruments Inc S7600A Datasheet HTML 50Page - Seiko Instruments Inc S7600A Datasheet HTML 51Page - Seiko Instruments Inc S7600A Datasheet HTML 52Page - Seiko Instruments Inc S7600A Datasheet HTML 53Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
TCP/IP Network Stack LSI
S-7600A
Hardware Specification Revision 1.3
Seiko Instruments Inc.
7-22
Bit
Bit Name
Access
Description
0
PPP_UP/SRst
R/W
When read, this bit indicates when the PPP layer establishes a
connection.
0 = PPP Connection down
1 = PPP Connection established
When written, this bit will reset the PPP engine. It is self-clearing
and goes not need to be written low for normal operations.
0 = PPP Normal operation
1 = PPP Reset
7.3.32. PPP Interrupt Code (0x61)
(Read-Only, Default 0x00)
This register indicates the interrupt condition that causes the PPP interrupt to trigger.
Table 7-53
PPP Interrupt Code Register Bit Definitions
Bit
7
6
5
4
3
2
1
0
Def.
PPP Interrupt Code
Default
0
Table 7-54
PPP Interrupt Error Codes
Error Code
Definition
0x00
Reserved
0x01
PPP Failed initial LCP negotiations
0x02
PPP Failed NCP negotiations
0x05
PAP Failed negotiations
7.3.33. PPP Max Retry, (0x62)
(Read/Write, Default 0x0A)
This register configures the maximum retry number. This number is used to determine the maximum
number of configuration requests that are sent during the PPP negotiation stage.
Table 7-55
PPP Max Retry Register
Bit
7
6
5
4
3
2
1
0
Def.
-
PPP Maximum Retry
Default
0x0
0xA
NOTE: Reserved bits are signified by a dash (-).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com