Electronic Components Datasheet Search
  English  ▼

X  

S7600A Datasheet(PDF) 16 Page - Seiko Instruments Inc

Part # S7600A
Description  Hardware Specification (TCP/IP Network Stack LSI)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S7600A Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button S7600A Datasheet HTML 12Page - Seiko Instruments Inc S7600A Datasheet HTML 13Page - Seiko Instruments Inc S7600A Datasheet HTML 14Page - Seiko Instruments Inc S7600A Datasheet HTML 15Page - Seiko Instruments Inc S7600A Datasheet HTML 16Page - Seiko Instruments Inc S7600A Datasheet HTML 17Page - Seiko Instruments Inc S7600A Datasheet HTML 18Page - Seiko Instruments Inc S7600A Datasheet HTML 19Page - Seiko Instruments Inc S7600A Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
TCP/IP Network Stack LSI
S-7600A
Hardware Specification Revision 1.3
4-1
Seiko Instruments Inc.
4. Electrical Characteristics
4.1. Absolute Maximum Ratings
Parameter
Symbol
Conditions
Rating
Unit
Storage temperature
Tsta
-40 to +125
°C
Operating temperature
Topr
-40 to +85
°C
Power supply voltage
VDD
Ta=25
°C
-0.3 to +4.0
V
Input voltage
VIN
Ta=25
°C
VSS-0.3 to VDD+0.3
V
Output voltage
VOUT
Ta=25
°C
VSS to VDD
V
Table 4-1
Absolute Maximum Ratings
4.2. Recommended Operating Conditions
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Note
Operating Frequency
range
FOPR
Ta=-40 to +85
°C
-
0.256
5
MHz
1
Clock Pulse
width
Pw
Ta=-40 to +85
°C
80
-
-
nS
Operating voltage
range
VDD
Ta=-40 to +85
°C
2.4
-
3.6
V
Input voltage
VIN
Ta=-40 to +85
°C
0
-
VDD
V
Note1: The clock is given by the CLK pin and needs to be as four times or more fast as the BAUD rate.
(The multiplier is an integer whose tolerance is <
±2%)
Table 4-2
Recommended Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com