Electronic Components Datasheet Search
  English  ▼

X  

S7600A Datasheet(PDF) 43 Page - Seiko Instruments Inc

Part # S7600A
Description  Hardware Specification (TCP/IP Network Stack LSI)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S7600A Datasheet(HTML) 43 Page - Seiko Instruments Inc

Back Button S7600A Datasheet HTML 39Page - Seiko Instruments Inc S7600A Datasheet HTML 40Page - Seiko Instruments Inc S7600A Datasheet HTML 41Page - Seiko Instruments Inc S7600A Datasheet HTML 42Page - Seiko Instruments Inc S7600A Datasheet HTML 43Page - Seiko Instruments Inc S7600A Datasheet HTML 44Page - Seiko Instruments Inc S7600A Datasheet HTML 45Page - Seiko Instruments Inc S7600A Datasheet HTML 46Page - Seiko Instruments Inc S7600A Datasheet HTML 47Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
TCP/IP Network Stack LSI
S-7600A
Hardware Specification Revision 1.3
Seiko Instruments Inc.
7-16
7.3.19. Socket Interrupt Mask Low Register (0x2A)
(Read/Write, Default 0x00)
This register reports certain interrupt conditions. Setting a bit enables the corresponding interrupt.
Table 7-33
Socket Interrupt Mask Low Register Bit Definitions
Bit
7
6
5
4
3
2
1
0
Def.
TO_En
Buff_
Emp_En
Buff_Full_En
Data_Avail_En
-
-
-
-
Default
0
0
0
0
0
0
0
0
NOTE: Reserved bits are signified by a dash (-). All reserved bits should be written as “0”.
Table 7-34
Socket Interrupt Mask Low Register Description
Bit
Bit Name
Access
Description
7
TO_En
R/W
Writing a “1” enables the Timeout interrupt.
6
Buff_Empty_En
R/W
Writing a “1” enables the Buffer Empty interrupt.
5
Buff_Full_En
R/W
Writing a “1” enables the Buffer Full interrupt.
4
Data_Avail_En
R/W
Writing a “1” enables the Data Available interrupt.
7.3.20. Socket Interrupt Mask High Register (0x2B)
(Read/Write, Default 0x00)
This register enables certain types of interrupt conditions. Setting bits enables their corresponding
interrupts.
Table 7-35
Socket Interrupt Mask High Register Bit Definitions
Bit
7
6
5
4
3
2
1
0
Def.
URG_En
RST_En
Term_En
ConU_En
-
-
-
-
Default
0
0
0
0
0
0
0
0
NOTE: Reserved bits are signified by a dash (-). All reserved bits should be written as “0”.
Table 7-36
Socket Interrupt Mask High Register Description
Bit
Bit Name
Access
Description
7
URG_En
R/W
Writing a “1” to enable the Urgent Data interrupt.
6
RST_En
R/W
Writing a “1” to enable the Connection Reset interrupt.
5
Term_En
R/W
Writing a “1” to enable the Socket Termination interrupt.
4
ConU_En
R/W
Writing a “1” to enable the Connection Up interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com