Electronic Components Datasheet Search
  English  ▼

X  

S7600A Datasheet(PDF) 40 Page - Seiko Instruments Inc

Part # S7600A
Description  Hardware Specification (TCP/IP Network Stack LSI)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S7600A Datasheet(HTML) 40 Page - Seiko Instruments Inc

Back Button S7600A Datasheet HTML 36Page - Seiko Instruments Inc S7600A Datasheet HTML 37Page - Seiko Instruments Inc S7600A Datasheet HTML 38Page - Seiko Instruments Inc S7600A Datasheet HTML 39Page - Seiko Instruments Inc S7600A Datasheet HTML 40Page - Seiko Instruments Inc S7600A Datasheet HTML 41Page - Seiko Instruments Inc S7600A Datasheet HTML 42Page - Seiko Instruments Inc S7600A Datasheet HTML 43Page - Seiko Instruments Inc S7600A Datasheet HTML 44Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
TCP/IP Network Stack LSI
S-7600A
Hardware Specification Revision 1.3
7-13
Seiko Instruments Inc.
7.3.15. Socket Status Mid Register (0x23)
(Read-Only, Default 0x00)
This read-only register reports other socket status conditions.
Table 7-25
Socket Status Mid Register Bit Definitions
Bit
7
6
5
4
3
2
1
0
Def.
URG
RST
Term
ConU
TCP State
Default
0
0
0
0
0x0
Table 7-26
Socket Status Mid Register Description
Bit
Bit Name
Access
Description
7
URG
R
This bit indicates the arrival of urgent data. Writing a “1” to the
URG bit in the Socket Interrupt register (bit 7) clears this bit.
0 = No urgent data present
1 = Urgent data present
6
RST
R
This bit indicates when the socket receives the RST signal from
the TCP peer.
0 = No RST received
1 = RST received
5
Term
R
This bit indicates when the socket terminates from the source
and triggers an interrupt if the Term_En bit is set in the Socket
Interrupt Mask High register (0x2B). The interrupt mask setting
does not effect the reporting of this status bit.
0 = Normal Operating Condition
1 = Socket terminated from source
This bit becomes “1” when the S-7600A receives a TCP
segment with the FIN flag on. This means that the remote peer
has requested to close the TCP connection.
4
ConU
R
This bit indicates when the socket establishes a connection to a
host machine. The bit clears when the connection terminates (by
either end).
0 = No Connection Established
1 = Connection Established
3:0
TCP State
R
These bits indicate the current TCP state.
0 = CLOSED
1 = SYN_SENT
2 = ESTABLISHED
3 = CLOSE_WAIT
4 = LAST_ACK
5 = FIN_WAIT1
6 = FIN_WAIT2
7 = CLOSING
8 = TIME_WAIT
9 = LISTEN
a = SYN_RECVD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com