Electronic Components Datasheet Search
  English  ▼

X  

MB9B210T Datasheet(PDF) 35 Page - SPANSION

Part # MB9B210T
Description  This document states the current technical specifications regarding
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B210T Datasheet(HTML) 35 Page - SPANSION

Back Button MB9B210T Datasheet HTML 31Page - SPANSION MB9B210T Datasheet HTML 32Page - SPANSION MB9B210T Datasheet HTML 33Page - SPANSION MB9B210T Datasheet HTML 34Page - SPANSION MB9B210T Datasheet HTML 35Page - SPANSION MB9B210T Datasheet HTML 36Page - SPANSION MB9B210T Datasheet HTML 37Page - SPANSION MB9B210T Datasheet HTML 38Page - SPANSION MB9B210T Datasheet HTML 39Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 137 page
background image
D a t a S h e e t
32
MB9B210T-DS706-00015-3v0-E, February 10, 2015
CONFIDENTIAL
Module
Pin name
Function
Pin No
LQFP-
176
LQFP-
144
BGA-
192
Base Timer
14
TIOA14_0
Base timer ch.14 TIOA pin
151
121
D8
TIOA14_1
78
-
N10
TIOA14_2
102
86
J10
TIOB14_0
Base timer ch.14 TIOB pin
164
134
B6
TIOB14_1
79
-
L10
TIOB14_2
103
87
J9
Base Timer
15
TIOA15_0
Base timer ch.15 TIOA pin
73
65
N9
TIOA15_1
80
-
K10
TIOA15_2
104
88
H10
TIOB15_0
Base timer ch.15 TIOB pin
74
66
M9
TIOB15_1
81
-
M10
TIOB15_2
105
89
H9
Debugger
SWCLK
Serial wire debug interface clock input
pin
135
111
A12
SWDIO
Serial wire debug interface data input /
output pin
137
113
B12
SWO
Serial wire viewer output pin
138
114
B11
TCK
J-TAG test clock input pin
135
111
A12
TDI
J-TAG test data input pin
136
112
C12
TDO
J-TAG debug data output pin
138
114
B11
TMS
J-TAG test mode state input/output pin
137
113
B12
TRACECLK
Trace CLK output pin of ETM
12
12
E4
TRACED0
Trace data output pin of ETM
8
8
D3
TRACED1
9
9
D4
TRACED2
10
10
E2
TRACED3
11
11
E3
TRSTX
J-TAG test reset input pin
134
110
B13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com