Electronic Components Datasheet Search
  English  ▼

X  

MB9B210T Datasheet(PDF) 75 Page - SPANSION

Part # MB9B210T
Description  This document states the current technical specifications regarding
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B210T Datasheet(HTML) 75 Page - SPANSION

Back Button MB9B210T Datasheet HTML 71Page - SPANSION MB9B210T Datasheet HTML 72Page - SPANSION MB9B210T Datasheet HTML 73Page - SPANSION MB9B210T Datasheet HTML 74Page - SPANSION MB9B210T Datasheet HTML 75Page - SPANSION MB9B210T Datasheet HTML 76Page - SPANSION MB9B210T Datasheet HTML 77Page - SPANSION MB9B210T Datasheet HTML 78Page - SPANSION MB9B210T Datasheet HTML 79Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 137 page
background image
D a t a S h e e t
72
MB9B210T-DS706-00015-3v0-E, February 10, 2015
CONFIDENTIAL
Pin
status
type
Function group
Power-on reset
or low voltage
detection state
INITX input
state
Device
internal reset
state
Run mode or
sleep mode
state
Timer mode or sleep mode
state
Power supply
unstable
Power supply stable
Power supply
stable
Power supply stable
-
INITX=0
INITX=1
INITX=1
INITX=1
-
-
-
-
SPL=0
SPL=1
K
Analog input
selected
Hi-Z
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
GPIO selected,
or other than
above resource
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z/
Internal
input fixed
at "0"
L
External interrupt
enabled selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Maintain
previous
state
Analog input
selected
Hi-Z
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
GPIO selected,
or other than
above resource
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z/
Internal
input fixed
at "0"
M
GPIO selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z/
Internal
input fixed
at "0"
Sub crystal
oscillator input
pin
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com