Electronic Components Datasheet Search
  English  ▼

X  

MB9B210T Datasheet(PDF) 67 Page - SPANSION

Part # MB9B210T
Description  This document states the current technical specifications regarding
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B210T Datasheet(HTML) 67 Page - SPANSION

Back Button MB9B210T Datasheet HTML 63Page - SPANSION MB9B210T Datasheet HTML 64Page - SPANSION MB9B210T Datasheet HTML 65Page - SPANSION MB9B210T Datasheet HTML 66Page - SPANSION MB9B210T Datasheet HTML 67Page - SPANSION MB9B210T Datasheet HTML 68Page - SPANSION MB9B210T Datasheet HTML 69Page - SPANSION MB9B210T Datasheet HTML 70Page - SPANSION MB9B210T Datasheet HTML 71Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 137 page
background image
D a t a S h e e t
64
MB9B210T-DS706-00015-3v0-E, February 10, 2015
CONFIDENTIAL
 Block Diagram
Flash I/F
Cortex-M3 Core
144MHz(Max)
Clock Reset
Generator
Dual-Timer
Watchdog Timer
(Hardware)
DMAC
8ch.
On-chip Flash
512Kbyte/
768Kbyte/
1024Kbyte
Multi-function Timer ×3
Multi-Function
Serial I/F 8ch.
(with FIFO ch.4 to ch.7)
HW flow control(ch.4)
16-bit Free-run Timer
3ch.
16-bit Output
Compare
6ch.
16-bit Input Capture
4ch.
Waveform Generator
3ch.
A/D Activation
Compare
3ch.
16-bit PPG
3ch.
Watch Counter
Unit 0
GPIO
CSV
LVD
External Interrupt
Controller
32-pin + NMI
Power On
Reset
TPIU
ROM
Table
ETM
SRAM0
32/48/64Kbyte
SWJ-DP
SRAM1
32/48/64Kbyte
I
D
Sys
MB9BF216/217/218
Base Timer
16-bit 16ch./
32-bit 8ch.
NVIC
Watchdog Timer
(Software)
Security
12-bit A/D Converter
Unit 1
Unit 2
TRSTX,TCK,
TDI,TMS
TRACED[3:0],
TRACECLK
AVCC,
AVSS,AVRH
AN[31:00]
TIOA[15:00]
TIOB[15:00]
IC0[3:0]
DTTI[2:0]X
RTO0[5:0]
FRCK[2:0]
C
TDO
SCK[7:0]
SIN[7:0]
SOT[7:0]
INT[31:00]
NMIX
INITX
MODE-Ctrl
IRQ-Monitor
PIN-Function-Ctrl
MD[1:0]
Regulator
QPRC
3ch.
AIN[2:0]
BIN[2:0]
ZIN[2:0]
LVD Ctrl
CRC
Accelerator
IC1[3:0]
ADTG[8:0]
RTS4
CTS4
External Bus I/F
MAD[24:00]
MADATA[15:00]
MCSX[7:0],
MOEX,MWEX,
MNALE,
MNCLE,
MNWEX,
MNREX,
MDQM[1:0]
MALE
MRDY
MCLKOUT
RTO1[5:0]
USB 2.0
(Host/
Func)
PHY
UDP0,UDM0
USBVCC0
UHCONX0
USB-Ethernet Clk Ctrl
PLL
MPU
Trace Buffer
(16Kbyte)
IC2[3:0]
RTO2[5:0]
USB 2.0
(Host/
Func)
PHY
UDP1,UDM1
USBVCC1
UHCONX1
Ethernet-MAC
E_TXx,
E_RXx,
E_MDx
P0x,
P1x,
.
.
.
PFx
X0
X1
X0A
PLL
CLK
CR
100kHz
Source Clock
CROUT
Main
Osc
Sub
Osc
CR
4MHz
X1A
Note: The following items vary depending on the package.
A) External bus address
B) 12-bit A/D converter channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com