Electronic Components Datasheet Search
  English  ▼

X  

MB9B210T Datasheet(PDF) 6 Page - SPANSION

Part # MB9B210T
Description  This document states the current technical specifications regarding
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B210T Datasheet(HTML) 6 Page - SPANSION

Back Button MB9B210T Datasheet HTML 2Page - SPANSION MB9B210T Datasheet HTML 3Page - SPANSION MB9B210T Datasheet HTML 4Page - SPANSION MB9B210T Datasheet HTML 5Page - SPANSION MB9B210T Datasheet HTML 6Page - SPANSION MB9B210T Datasheet HTML 7Page - SPANSION MB9B210T Datasheet HTML 8Page - SPANSION MB9B210T Datasheet HTML 9Page - SPANSION MB9B210T Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 137 page
background image
D a t a S h e e t
February 10, 2015, MB9B210T-DS706-00015-3v0-E
3
CONFIDENTIAL
 Ethernet - MAC (Max 1 channel)
 Compliant with IEEE802.3 specification
 10Mbps / 100 Mbps data transfer rates supported
 MII/RMII for external PHY device supported.
 MII: Max 1channel
 RMII: Max 1channel
 Full-Duplex and Half-Duplex mode supported.
 Wake-ON-LAN supported
 Built-in dedicated descriptor-system DMAC
 Built-in 2 Kbyte Transmit FIFO and 2 Kbyte Receive FIFO.
 Compliant IEEE1558-2008 (PTP)
 Multi-function Serial Interface (Max 8 channels)
 4 channels with 16steps×9-bit FIFO (ch.4 to ch.7), 4 channels without FIFO (ch.0 to ch.3)
 Operation mode is selectable from the followings for each channel.
 UART
 CSIO
 LIN
 I2C
[UART]
 Full-duplex double buffer
 Selection with or without parity supported
 Built-in dedicated baud rate generator
 External clock available as a serial clock
 Hardware Flow control : Automatically control the transmission by CTS/RTS (only ch.4)
 Various error detect functions available (parity errors, framing errors, and overrun errors)
[CSIO]
 Full-duplex double buffer
 Built-in dedicated baud rate generator
 Overrun error detect function available
[LIN]
 LIN protocol Rev.2.1 supported
 Full-duplex double buffer
 Master/Slave mode supported
 LIN break field generate (can be changed 13-16-bit length)
 LIN break delimiter generate (can be changed 1-4-bit length)
 Various error detect functions available (parity errors, framing errors, and overrun errors)
[I
2C]
Standard-mode (Max 100 kbps) / Fast-mode (Max 400 kbps) supported
 DMA Controller (8 channels)
DMA Controller has an independent bus for CPU, so CPU and DMA Controller can process simultaneously.
 8 independently configured and operated channels
 Transfer can be started by software or request from the built-in peripherals
 Transfer address area: 32 bit (4 Gbyte)
 Transfer mode: Block transfer/Burst transfer/Demand transfer
 Transfer data type: byte/half-word/word
 Transfer block count: 1 to 16
 Number of transfers: 1 to 65536



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com