Electronic Components Datasheet Search
  English  ▼

X  

MB9B210T Datasheet(PDF) 83 Page - SPANSION

Part # MB9B210T
Description  This document states the current technical specifications regarding
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B210T Datasheet(HTML) 83 Page - SPANSION

Back Button MB9B210T Datasheet HTML 79Page - SPANSION MB9B210T Datasheet HTML 80Page - SPANSION MB9B210T Datasheet HTML 81Page - SPANSION MB9B210T Datasheet HTML 82Page - SPANSION MB9B210T Datasheet HTML 83Page - SPANSION MB9B210T Datasheet HTML 84Page - SPANSION MB9B210T Datasheet HTML 85Page - SPANSION MB9B210T Datasheet HTML 86Page - SPANSION MB9B210T Datasheet HTML 87Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 137 page
background image
D a t a S h e e t
80
MB9B210T-DS706-00015-3v0-E, February 10, 2015
CONFIDENTIAL
(2) Pin Characteristics
(Vcc = USBVcc0 = USBVcc1 = ETHVcc = AVcc = 2.7V to 5.5V, Vss = AVss = 0V, Ta = - 40°C to + 85°C)
Parameter Symbol Pin name
Conditions
Value
Unit Remarks
Min
Typ
Max
"H" level
input
voltage
(hysteresis
input)
VIHS
CMOS
hysteresis
input pin,
MD0, MD1
-
Vcc
(ETHVcc) ×
0.8
-
Vcc
(ETHVcc) +
0.3
V
*1
5 V tolerant
input pin
-
Vcc × 0.8
-
Vss + 5.5
V
TTL
Schmitt
input pin
-
2.0
-
ETHVcc +
0.3
V
"L" level
input
voltage
(hysteresis
input)
VILS
CMOS
hysteresis
input pin,
MD0, MD1
-
Vss - 0.3
-
Vcc
(ETHVcc) ×
0.2
V
*1
5 V tolerant
input pin
-
Vss - 0.3
-
Vcc × 0.2
V
TTL
Schmitt
input pin
-
Vss - 0.3
-
0.8
V
"H" level
output voltage
VOH
4 mA type
Vcc (ETHVcc) ≥
4.5 V,
IOH = - 4 mA
Vcc
(ETHVcc) -
0.5
-
Vcc
(ETHVcc)
V
*1
Vcc (ETHVcc) <
4.5 V,
IOH = - 2 mA
8 mA type
ETHVcc ≥ 4.5 V,
IOH = - 8 mA
ETHVcc -
0.5
-
ETHVcc
V
*1
ETHVcc < 4.5 V,
IOH = - 4 mA
12 mA type
Vcc ≥ 4.5 V,
IOH = - 12 mA
Vcc - 0.5
-
Vcc
V
Vcc < 4.5 V,
IOH = - 8 mA
P80, P81,
P82, P83
USBVcc ≥ 4.5 V,
IOH = - 20.5 mA
USBVcc -
0.4
-
USBVcc
V
*2
USBVcc < 4.5 V,
IOH = - 13.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com