Electronic Components Datasheet Search
  English  ▼

X  

MB9B210T Datasheet(PDF) 48 Page - SPANSION

Part # MB9B210T
Description  This document states the current technical specifications regarding
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B210T Datasheet(HTML) 48 Page - SPANSION

Back Button MB9B210T Datasheet HTML 44Page - SPANSION MB9B210T Datasheet HTML 45Page - SPANSION MB9B210T Datasheet HTML 46Page - SPANSION MB9B210T Datasheet HTML 47Page - SPANSION MB9B210T Datasheet HTML 48Page - SPANSION MB9B210T Datasheet HTML 49Page - SPANSION MB9B210T Datasheet HTML 50Page - SPANSION MB9B210T Datasheet HTML 51Page - SPANSION MB9B210T Datasheet HTML 52Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 137 page
background image
D a t a S h e e t
February 10, 2015, MB9B210T-DS706-00015-3v0-E
45
CONFIDENTIAL
Module
Pin name
Function
Pin No
LQFP-
176
LQFP-
144
BGA-
192
Multi-
Function
Timer
0
DTTI0X_0
Input signal controlling wave form
generator outputs RTO00 to RTO05
of multi-function timer 0.
37
29
K2
DTTI0X_1
104
88
H10
FRCK0_0
16-bit free-run timer ch.0 external
clock input pin
32
-
J5
FRCK0_1
105
89
H9
FRCK0_2
91
75
M12
IC00_0
16-bit input capture ch.0 input pin of
multi-function timer 0.
ICxx describes channel number.
36
28
K1
IC00_1
100
84
J12
IC00_2
92
76
L13
IC01_0
35
27
J2
IC01_1
101
85
J11
IC01_2
93
77
L12
IC02_0
34
26
J3
IC02_1
102
86
J10
IC02_2
94
78
L11
IC03_0
33
-
J4
IC03_1
103
87
J9
IC03_2
95
79
K13
RTO00_0
(PPG00_0)
Wave form generator output of
multi-function timer 0.
This pin operates as PPG00 when it
is used in PPG0 output modes.
38
30
K3
RTO00_1
(PPG00_1)
124
100
E12
RTO01_0
(PPG00_0)
Wave form generator output of
multi-function timer 0.
This pin operates as PPG00 when it
is used in PPG0 output modes.
39
31
K4
RTO01_1
(PPG00_1)
123
99
E11
RTO02_0
(PPG02_0)
Wave form generator output of
multi-function timer 0.
This pin operates as PPG02 when it
is used in PPG0 output modes.
40
32
L1
RTO02_1
(PPG02_1)
122
98
E10
RTO03_0
(PPG02_0)
Wave form generator output of
multi-function timer 0.
This pin operates as PPG02 when it
is used in PPG0 output modes.
41
33
L2
RTO03_1
(PPG02_1)
121
97
F13
RTO04_0
(PPG04_0)
Wave form generator output of
multi-function timer 0.
This pin operates as PPG04 when it
is used in PPG0 output modes.
42
34
L3
RTO04_1
(PPG04_1)
120
96
F12
RTO05_0
(PPG04_0)
Wave form generator output of
multi-function timer 0.
This pin operates as PPG04 when it
is used in PPG0 output modes.
43
35
M2
RTO05_1
(PPG04_1)
119
95
F11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com