Electronic Components Datasheet Search
  English  ▼

X  

MB9B210T Datasheet(PDF) 38 Page - SPANSION

Part # MB9B210T
Description  This document states the current technical specifications regarding
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B210T Datasheet(HTML) 38 Page - SPANSION

Back Button MB9B210T Datasheet HTML 34Page - SPANSION MB9B210T Datasheet HTML 35Page - SPANSION MB9B210T Datasheet HTML 36Page - SPANSION MB9B210T Datasheet HTML 37Page - SPANSION MB9B210T Datasheet HTML 38Page - SPANSION MB9B210T Datasheet HTML 39Page - SPANSION MB9B210T Datasheet HTML 40Page - SPANSION MB9B210T Datasheet HTML 41Page - SPANSION MB9B210T Datasheet HTML 42Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 137 page
background image
D a t a S h e e t
February 10, 2015, MB9B210T-DS706-00015-3v0-E
35
CONFIDENTIAL
Module
Pin name
Function
Pin No
LQFP-
176
LQFP-
144
BGA-
192
External
Interrupt
INT00_0
External interrupt request 00 input
pin
13
13
E5
INT00_1
8
8
D3
INT00_2
165
135
C6
INT01_0
External interrupt request 01 input
pin
14
14
F1
INT01_1
9
9
D4
INT01_2
123
99
E11
INT02_0
External interrupt request 02 input
pin
15
15
F2
INT02_1
91
75
M12
INT02_2
120
96
F12
INT03_0
External interrupt request 03 input
pin
6
6
D2
INT03_1
94
78
L11
INT03_2
28
-
H3
INT04_0
External interrupt request 04 input
pin
31
-
H6
INT04_1
97
81
K14
INT04_2
29
-
H4
INT05_0
External interrupt request 05 input
pin
127
103
D13
INT05_1
100
84
J12
INT05_2
30
-
H5
INT06_0
External interrupt request 06 input
pin
170
-
B4
INT06_1
126
102
D12
INT06_2
64
56
K6
INT07_0
External interrupt request 07 input
pin
171
-
C4
INT07_1
70
62
P8
INT07_2
16
16
F3
INT08_0
External interrupt request 08 input
pin
172
140
B3
INT08_1
33
-
J4
INT08_2
19
19
F6
INT09_0
External interrupt request 09 input
pin
119
95
F11
INT09_1
34
26
J3
INT09_2
22
22
G4
INT10_0
External interrupt request 10 input
pin
76
-
K9
INT10_1
35
27
J2
INT10_2
7
7
D1
INT11_0
External interrupt request 11 input
pin
77
-
P10
INT11_1
36
28
K1
INT11_2
71
63
J8
INT12_0
External interrupt request 12 input
pin
78
-
N10
INT12_1
46
38
N2
INT12_2
72
64
P9
INT13_0
External interrupt request 13 input
pin
81
-
M10
INT13_1
47
39
N3
INT13_2
66
58
N8
INT14_0
External interrupt request 14 input
pin
82
-
N11
INT14_1
58
50
M5
INT14_2
67
59
M8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com